Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM0677 Datasheet(PDF) 5 Page - STMicroelectronics

Part # UM0677
Description  High-efficiency switching LED driver for high-current LEDs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0677 Datasheet(HTML) 5 Page - STMicroelectronics

  UM0677 Datasheet HTML 1Page - STMicroelectronics UM0677 Datasheet HTML 2Page - STMicroelectronics UM0677 Datasheet HTML 3Page - STMicroelectronics UM0677 Datasheet HTML 4Page - STMicroelectronics UM0677 Datasheet HTML 5Page - STMicroelectronics UM0677 Datasheet HTML 6Page - STMicroelectronics UM0677 Datasheet HTML 7Page - STMicroelectronics UM0677 Datasheet HTML 8Page - STMicroelectronics UM0677 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
UM0677
Description of reference design
Doc ID 15396 Rev 2
5/16
2
Description of reference design
This solution uses the L6726A controller with two external MOSFETs for synchronous
rectification. The main advantage is very good efficiency. Future scalability for even higher
currents could be seen as another advantage. This solution is much safer concerning the
border conditions as the current limit is defined only by the selection of the MOSFET.
Table 1.
Board parameters
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN
Input voltage
8
18
V
VOUT
Output voltage
VIN = 18 V
2.5
14
V
ILED
Output current
1 / 1.5 / 2.8
A
Dimm
Analog dimming
ILED - 0 A
0
2.5
V
PWM signal
Low level
0
V
High level
2.8
3.3
3.8
V
Duty cycle(1)
1.
PWM signal has inverted characteristics (0% = full power).
fDIM = 200 Hz
0
99
%
η
Efficiency
VIN = 18 V; VOUT = 12.6 V
94.8
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com