Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM0855 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM0855
Description  Demonstration kit for single
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0855 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM0855 Datasheet HTML 5Page - STMicroelectronics UM0855 Datasheet HTML 6Page - STMicroelectronics UM0855 Datasheet HTML 7Page - STMicroelectronics UM0855 Datasheet HTML 8Page - STMicroelectronics UM0855 Datasheet HTML 9Page - STMicroelectronics UM0855 Datasheet HTML 10Page - STMicroelectronics UM0855 Datasheet HTML 11Page - STMicroelectronics UM0855 Datasheet HTML 12Page - STMicroelectronics UM0855 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
UM0855
Working modes
Doc ID 16617 Rev 1
9/35
Note:
Not connected for single axis devices
The JP9 and JP8 (for double axis devices only; see
Figure 3, ref 6 and ref 11) jumpers allow
the management of external (HP and LP) filters, respectively, for Out2 and Out1.
Note:
Not connected for single axis devices.
2.2
Digital working mode (DWM)
When the board is configured for DWM, it can be controlled by a PC through the dedicated
GUI. The USB works as an interface channel between the PC and demonstration kit board
by means of the microcontroller. The microcontroller takes advantage of its on-board 8-bit
A/D converter to read analog values from the device and to convert them in digital values,
then sends them to the PC via the USB channel.
For the board to work in DWM, the jumpers must be configured as described in
Table 4.
Users can interact with the board by means of the STEVAL-MKI0xxV1 GUI and/or
Microsoft© Hyper Terminal (refer to
Section 4 and Section 7).
Table 2.
Jumper configurations for JP1 and JP6 in AWM
Jumper on 1-2 position
Jumper on 2-3 position
JP11
1xOut1 (not amplified): on J3-pin 3 (Out1)
4xOut1 (amplified): on J3-pin 3 (Out1)
JP6
1xOut2 (not amplified): on J3-pin 4 (Out2)
4xOut2 (amplified): on J3-pin 4 (Out2)
Table 3.
Jumper configurations for JP9 and JP8 in AWM
Configuration
Function
pin 1-2 short
pin 3-4 short
HP and LP filters enabled
pin 2-4 open
pin 3-4 short
HP and LP filters bypassed
Table 4.
Jumper configuration for DWM
Jumper
JUMPER position
JP4 ST
2-3 (default) or not connected
JP5 PD
2-3 (default) or not connected
JP7 HP
2-3 (default) or not connected
JP1 and JP6
Refer to
Table 1
JP9 and JP8
Refer to
Table 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com