Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM0855 Datasheet(PDF) 24 Page - STMicroelectronics

Part # UM0855
Description  Demonstration kit for single
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0855 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button UM0855 Datasheet HTML 20Page - STMicroelectronics UM0855 Datasheet HTML 21Page - STMicroelectronics UM0855 Datasheet HTML 22Page - STMicroelectronics UM0855 Datasheet HTML 23Page - STMicroelectronics UM0855 Datasheet HTML 24Page - STMicroelectronics UM0855 Datasheet HTML 25Page - STMicroelectronics UM0855 Datasheet HTML 26Page - STMicroelectronics UM0855 Datasheet HTML 27Page - STMicroelectronics UM0855 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
STEVAL-MKI0xxV1 Lite
UM0855
24/35
Doc ID 16617 Rev 1
6
STEVAL-MKI0xxV1 Lite
A lite version of the GUI together with its source code is also included in the installation
pack. The source code can be found in the directory: ($Home)\STM\STEVAL-
MKI0xxV1\STEVAL-MKI0xxV1_lite, where ($Home) is the directory in which the software
that came with the demonstration kit was installed (C:\Program Files by default).
The purpose of the lite version is to provide the user with a foundation for the development
of a customized application.
The lite version of the demonstration kit is started by launching the STEVAL-MKI0xxV1 Lite
executable file located in the STEVAL-MKI0xxV1 > Executables folder.
An example of the GUI of the STEVAL-MKI0xxV1 Lite application is shown in
Figure 17.
Figure 17.
STEVAL-MKI0xxV1 Lite GUI
Follow these instructions to use the software:
1.
Connect the STEVAL-MKI0xxV1 to the USB port.
2.
Launch the GUI for STEVAL-MKI0xxV1 Lite.
3.
Select the virtual COM port and click on the “Connect” button.
4.
Select the destination file to which the yaw rate data must be saved (optional).
5.
Click on the “START” (or “STOP”) button to activate (or stop) the sensor data collection,
saving to file, and screen plotting functions.
6.
To close the application, click on “Disconnect” and then click on “Exit”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com