Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4374 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN4374
Description  The LED1642GW and ALED1642GW start-up guide
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4374 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN4374 Datasheet HTML 16Page - STMicroelectronics AN4374 Datasheet HTML 17Page - STMicroelectronics AN4374 Datasheet HTML 18Page - STMicroelectronics AN4374 Datasheet HTML 19Page - STMicroelectronics AN4374 Datasheet HTML 20Page - STMicroelectronics AN4374 Datasheet HTML 21Page - STMicroelectronics AN4374 Datasheet HTML 22Page - STMicroelectronics AN4374 Datasheet HTML 23Page - STMicroelectronics AN4374 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
LED supply voltage
AN4374
20/25
DocID025366 Rev 2
Moreover, the extra-voltage across the red LED driving generators could cause an
erroneous shorted-LED condition detection.
To avoid these drawbacks, two different approaches are possible:
•
A resistor in series can be added to each red LED. In this manner, the voltage excess
drops across the resistor instead of dropping across the current generators. This
solution reduces significantly the power dissipated by the chip (lower Tj). However, the
total power dissipation does not change and a remarkable part of the power wastes on
the series resistor. This affects the efficiency and also raises the cost of the system due
to the need to dissipate the generated heat.
•
Another solution is to split the LED voltage rail: one for blue and green LEDs (VLED)
and one for red LEDs (VLED_RED), which can be derived using a switching regulator.
This solution is the most advantageous in terms of power dissipation. Voltage rails are
tailored to LEDs they drive and the wasted power is significantly reduced as well as the
heat produced.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com