Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4374 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4374
Description  The LED1642GW and ALED1642GW start-up guide
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4374 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4374 Datasheet HTML 1Page - STMicroelectronics AN4374 Datasheet HTML 2Page - STMicroelectronics AN4374 Datasheet HTML 3Page - STMicroelectronics AN4374 Datasheet HTML 4Page - STMicroelectronics AN4374 Datasheet HTML 5Page - STMicroelectronics AN4374 Datasheet HTML 6Page - STMicroelectronics AN4374 Datasheet HTML 7Page - STMicroelectronics AN4374 Datasheet HTML 8Page - STMicroelectronics AN4374 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
DocID025366 Rev 2
5/25
AN4374
First LED power-on
25
brightness pattern (seeTable 1 and Figure 3 and Figure 4).
Figure 3. Digital key summary chart-data latch
Table 1. Digital key summary-data latch
Number
#CLK rising edge when the LE is 1
Command description
11-2
Write switch (to turn on/off output
channels)
2
3-4
Brightness data latch
3
5-6
Brightness global latch
4
7
Write configuration register
5
8
Read configuration register
6
9
Start open error detection mode
7
10
Start short error detection mode
8
11
Start combined error detection mode
9
12
End error detection mode
10
13
Thermal error reading
11
14
Reserved
12
15
Reserved
CLK
LE
LE
LE
LE
LE
LE
LE
LE
LE
W
Write Switch
Data Latch
Global Latch
Write CR
Read CR
Start Open Error Detection
Start Short Error Detection
Start Combined Detection
End Error Detection
LE
Thermal Error Reading
AM16852v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com