Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4415 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4415
Description  This document focuses on a demonstration board design
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4415 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4415 Datasheet HTML 3Page - STMicroelectronics AN4415 Datasheet HTML 4Page - STMicroelectronics AN4415 Datasheet HTML 5Page - STMicroelectronics AN4415 Datasheet HTML 6Page - STMicroelectronics AN4415 Datasheet HTML 7Page - STMicroelectronics AN4415 Datasheet HTML 8Page - STMicroelectronics AN4415 Datasheet HTML 9Page - STMicroelectronics AN4415 Datasheet HTML 10Page - STMicroelectronics AN4415 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
DocID025612 Rev 1
7/30
AN4415
Electrical diagram and bill of material for 3.3 V at 3 A
30
32
C47
Ceramic capacitor
22
F
C1206
TDK
C3216X5R1E226M
16 V
33
C48
Ceramic capacitor
1
F
C0603
TDK
C1608X5R1E105K
25 V
34
C51
Ceramic capacitor
22 nF
C0603
Several
50 V
35
C53
Elect. capacitor
330
F
C-POL8-6_3
Panasonic
EEEFK1C331P
16 V
36
C54
Ceramic capacitor
100 pF
C0603
Several
50 V
37
C56
Ceramic capacitor
0.1
F
C0603
Several
50 V
38
D3
Diode bridge
DF01S
DF01S
Diodes
39
D5
Zener diode
BZX84C10
SOT23
Several
40
D10
Diode bridge
DF01S
DF01S
Diodes
41
D14
Diode
STTH2R02A
SMA
STMicroelectronics®
42
D15
Diode
STTH2R02A
SMA
STMicroelectronics
43
D18
TVS diode
SMAJ58A
SMA
STMicroelectronics
44
D19
LED diode
Green LED
LED-TLGE1100B
TOSHIBA
45
D21
Diode
BAT46J
SOD323
STMicroelectronics
46
D23
Diode
BAT46J
SOD323
STMicroelectronics
47
D28
Schottky diode
PMEG3050EP
SOD128
NXP
48
D29
Diode
BAT46J
SOD323
STMicroelectronics
49
D30
Diode
BAT46J
SOD323
STMicroelectronics
50
D36
LED diode
Green LED
LED-TLGE1100B
TOSHIBA
51
J1
Connector
RJ45 data and power jack
RJ45-8PIN
Several
52
J2
Connector
RJ45 data jack
RJ45-8PIN
Several
53
J3
Connector
CON3
P-JACK-RAPC722
Switchcraft
54
J4
Connector
CON3
P-JACK-RAPC722
Switchcraft
55
J6
Connector
MOR-10X10.5-P5-2PIN
MOR-2POLI-508
Several
56
L1
Inductor
5.6
H
ME3220-562ML
Coilcraft
57
L4
Inductor
0.33
H
LPS4012-331L
Coilcraft
58
Q1
MOSFET
STS4NF100
SO8
STMicroelectronics
59
Q2
MOSFET
FDN86246
SOT23
FAIRCHILD
60
R1
Resistor
15 K
R0805
Several
61
R2
Resistor
47 K
R0805
Several
62
R3
Resistor
47 K
R0805
Several
63
R4
Resistor
470 K
R0805
Several
64
R5
Resistor
15 K
R0805
Several
Table 3. Bill of material 3.3 V at 3 A (continued)
Item Ref.
Description
Value
PCB footprint
Supplier
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com