Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4415 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4415
Description  This document focuses on a demonstration board design
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4415 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4415 Datasheet HTML 5Page - STMicroelectronics AN4415 Datasheet HTML 6Page - STMicroelectronics AN4415 Datasheet HTML 7Page - STMicroelectronics AN4415 Datasheet HTML 8Page - STMicroelectronics AN4415 Datasheet HTML 9Page - STMicroelectronics AN4415 Datasheet HTML 10Page - STMicroelectronics AN4415 Datasheet HTML 11Page - STMicroelectronics AN4415 Datasheet HTML 12Page - STMicroelectronics AN4415 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
DocID025612 Rev 1
9/30
AN4415
Electrical diagram and bill of material for 3.3 V at 3 A
30
99
TP2
Test point
Black
TH-5013
KEYSTONE
100
TP3
Test point
Red
TH-5013
KEYSTONE
101
TP4
Test point
Black
TH-5013
KEYSTONE
102
TP6
Test point
Red
TH-5013
KEYSTONE
103
TP7
Test point
Black
TH-5013
KEYSTONE
104
TP8
Test point
Red
TH-5013
KEYSTONE
105
TP9
Test point
Black
TH-5013
KEYSTONE
106 TP10
Test point
Red
TH-5013
KEYSTONE
107 TP11
Test point
Red
TH-5013
KEYSTONE
108 TP12
Test point
Black
TH-5013
KEYSTONE
109 TP13
Test point
Red
TH-5013
KEYSTONE
110 TP14
Test point
Red
TH-5013
KEYSTONE
111 TP16
Test point
Red
TH-5013
KEYSTONE
112 TP17
Test point
Red
TH-5013
KEYSTONE
113 TP19
Test point
Black
TH-5013
KEYSTONE
114
T1
Data transfo.
H2019NL / TLA-6T127LF
Pulse-H2019
Pulse
115
T3
Power transfo.
POE13P-33L
POE13P
Coilcraft
116
U1
Controller IC
PM8800A
HTSSOP16
STMicroelectronics
117
U2
Optocoupler
FAIRCHILD FOD817A
FOD817
FAIRCHILD
118
U5
Voltage reference
TS431AILT
SOT23-5L
STMicroelectronics
Table 3. Bill of material 3.3 V at 3 A (continued)
Item Ref.
Description
Value
PCB footprint
Supplier
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com