Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2252 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2252
Description  The flyback converter is a popular choice in applications where the required power
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2252 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2252 Datasheet HTML 10Page - STMicroelectronics AN2252 Datasheet HTML 11Page - STMicroelectronics AN2252 Datasheet HTML 12Page - STMicroelectronics AN2252 Datasheet HTML 13Page - STMicroelectronics AN2252 Datasheet HTML 14Page - STMicroelectronics AN2252 Datasheet HTML 15Page - STMicroelectronics AN2252 Datasheet HTML 16Page - STMicroelectronics AN2252 Datasheet HTML 17Page - STMicroelectronics AN2252 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Application circuit description
AN2252
14/21
Figure 9.
PCB layout
Figure 10. shows the converter.
Figure 10.
Picture of the converter
2.3.1
Evaluation and measurements
The converter was specially designed to have a high power efficiency. Figure 11. shows that
the converter’s output efficiency depends on the input voltage (two marginal values are
taken as example). Since the flyback voltage is not higher than the maximum input voltage,
for some values of the input voltage the conditions under which the converter operates in
ZVS mode are not met and the primary switch turn-on is no longer lossless. This is clearly
seen in Figure 11., where there is a difference in efficiency according to Vin in the medium
and low output power regions. At high output powers, however, the primary switch
conduction loss prevail over the turn-on loss.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com