Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2842 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2842
Description  Paralleling of power MOSFETs in PFC topology
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2842 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2842 Datasheet HTML 5Page - STMicroelectronics AN2842 Datasheet HTML 6Page - STMicroelectronics AN2842 Datasheet HTML 7Page - STMicroelectronics AN2842 Datasheet HTML 8Page - STMicroelectronics AN2842 Datasheet HTML 9Page - STMicroelectronics AN2842 Datasheet HTML 10Page - STMicroelectronics AN2842 Datasheet HTML 11Page - STMicroelectronics AN2842 Datasheet HTML 12Page - STMicroelectronics AN2842 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
AN2842
Approach to the study
Doc ID 15110 Rev 1
9/22
Figure 9.
Details of current imbalance during turn-on due principally at the voltage
on the gate circuitry
If there is some difference between the branches, the voltage across the gate pin of two
devices is different and this causes a gap current during switching. In fact, if one device
starts before the other, it brings all the current, generating imbalance. Instead, as we can
see in
Figure 10, if the conditions are the same for both devices the current imbalance is
minimal.
Figure 10. Details of current imbalance during turn-on when the voltage on the gate
circuitry is very comparable
Like the turn-on details, we can also see similar behaviors for the currents during turn-off. In
fact, the device with the lower VTHRESHOLD value has a delayed switch-off compared to the
other device, which for a short time carries the total current of the system. In
Figure 11 and
Figure 12 details relative to these instances are reported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com