| Electronic Components Datasheet Search |
|
AN2842 Datasheet(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2842 Datasheet(HTML) 3 Page - STMicroelectronics |
|
3 / 22 page ![]() AN2842 List of figures Doc ID 15110 Rev 1 3/22 List of figures Figure 1. Two MOSFETs connected in parallel with a single boost inductor . . . . . . . . . . . . . . . . . . . . 4 Figure 2. Two MOSFETs connected in parallel with a different boost inductor . . . . . . . . . . . . . . . . . . 4 Figure 3. Three MOSFETs connected in parallel with a single boost inductor . . . . . . . . . . . . . . . . . . 4 Figure 4. Parasitic inductance in a circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Figure 5. Details of current imbalance during turn-on due to external parasitic inductances . . . . . . . 6 Figure 6. Details of current imbalance during steady state operation due to the layout . . . . . . . . . . . 7 Figure 7. Current imbalance due to layout during steady state operation when the device position is changed . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 Figure 8. Details of current balance when circuit has very similar parameters . . . . . . . . . . . . . . . . . . 8 Figure 9. Details of current imbalance during turn-on due principally at the voltage on the gate circuitry . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 Figure 10. Details of current imbalance during turn-on when the voltage on the gate circuitry is very comparable . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 Figure 11. Details of current imbalance during turn-off due principally to the voltage on the gate circuitry . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Figure 12. Details of current imbalance during turn-off when the voltage on the gate circuitry is very comparable . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Figure 13. Contribution of the current spike value during the turn-on phase . . . . . . . . . . . . . . . . . . . . 11 Figure 14. Current spike during the turn-on phase when a fast diode is used. . . . . . . . . . . . . . . . . . . 12 Figure 15. Current spike during the turn-on phase when an ultra fast diode is used. . . . . . . . . . . . . . 12 Figure 16. Instant of failure . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 Figure 17. Schematics of two devices connected in parallel . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 Figure 18. Details of current imbalance during turn-on when there is a difference in VGS(th) value . . 15 Figure 19. Details of current imbalance during turn-off when there is a difference in VGS(th) value . . 16 Figure 20. Details of current imbalance due to a difference in RDS(on) value . . . . . . . . . . . . . . . . . . . 17 Figure 21. gfs curves for devices with comparable gfs values . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 Figure 22. gfs curves for devices with different gfs values . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 Figure 23. Details of current imbalance during turn-on with low gfs spread. . . . . . . . . . . . . . . . . . . . . 19 Figure 24. Details of current imbalance during turn-on with high gfs spread . . . . . . . . . . . . . . . . . . . . 19 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |