Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3031 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3031
Description  SCLT3-8 input termination demonstration board
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3031 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3031 Datasheet HTML 3Page - STMicroelectronics AN3031 Datasheet HTML 4Page - STMicroelectronics AN3031 Datasheet HTML 5Page - STMicroelectronics AN3031 Datasheet HTML 6Page - STMicroelectronics AN3031 Datasheet HTML 7Page - STMicroelectronics AN3031 Datasheet HTML 8Page - STMicroelectronics AN3031 Datasheet HTML 9Page - STMicroelectronics AN3031 Datasheet HTML 10Page - STMicroelectronics AN3031 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AN3031
Description
Doc ID 16144 Rev 1
7/28
Figure 2.
SCLT3-8BT8 block diagram
Figure 3.
SCLT3-8BT8 recommended application structure
AM00621
IN1
COMP
LD1
INI
LDI
OSC
REF
DVR
COMS
VCS
CS
SPM
VC
SCK
MISO
MISO
MOSI
Input
state
register
Parity
bits
gen.
8 lines
8 lines
4 lines
Undervoltage
alarm
Overtemperature
alarm
0.2 /
3 ms
ditigal
filters
Protected
inputs
I = 2 to 8
7 lines
8 lines
Oscillator
VR
Protected input
VIN > VR
Data
shift
register
Control
shift
register
Write
Transfer
logic
MOSI
16-bit
Shift
Capture
Power
supply
VDD
Power
reset
Current
reference
Shift
VDD
VDD
VDD
VDD
VDD
VDD
VDD
AM00622
Field bus
O- C
O- C
O- C
CLT
Supply
VC
COMP
SCLT3-8
IN1
IN8
MOSI
MISO
CS
SCK
VDD
RI
RC
RREF
MISO
REF
OSC
LD1
LD8
VCS
RS
UVA
DVR
= 0
CPOL= 0
SPM
RPD
COMS
8 / 16 -bit
controller
SPI
type 3
8 channels
CPHA
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com