Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3031 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3031
Description  SCLT3-8 input termination demonstration board
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3031 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3031 Datasheet HTML 1Page - STMicroelectronics AN3031 Datasheet HTML 2Page - STMicroelectronics AN3031 Datasheet HTML 3Page - STMicroelectronics AN3031 Datasheet HTML 4Page - STMicroelectronics AN3031 Datasheet HTML 5Page - STMicroelectronics AN3031 Datasheet HTML 6Page - STMicroelectronics AN3031 Datasheet HTML 7Page - STMicroelectronics AN3031 Datasheet HTML 8Page - STMicroelectronics AN3031 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AN3031
Description
Doc ID 16144 Rev 1
5/28
2
Description
The STEVAL-IFP07V1 demonstration board is an application intended to allow designers to
evaluate the behavior of the SCLT3-8BT8 device in industrial environmental conditions. The
board accommodates two SCLT3-8BT8 chips connected to the SPI bus in a daisy chain
configuration. It offers a 16-bit digital input interface and indicates each sensor logic state
with an LED.
Features
■ 8/16 input channel topology (SCLT3-8BT8 chip / STEVAL-IFP007V1 board)
■ Fully integrated current limiter
■ Termination for IEC 61131-2 type 1 and 3 inputs
■ Digital filter on each input
■ SPI communication peripheral
■ Voltage regulator integrated on the chip
■ Thermal alarm
■ Wide range supply voltage operation
Benefits
■ Low power dissipation compared to discrete solutions
■ Small external component count
■ Overvoltage protection
■ ESD in accordance with IEC 61000-4-2, class 3, 8 kV air discharge, 6 kV contact
discharge
■ Excellent EMC immunity
– High energy surge (IEC 61000-4-5), 2 kV / criteria “B” (42
Ω / 0.5 µF) without any
Transil
™ protection
– Fast transient burst (IEC 61000-4-4), +4 kV / –8 kV (±8 kV(a)) / criteria “A”
– RF amplitude modulation (IEC 61000-4-6), 150 kHz - 80 MHz, 10 V / criteria “A”
■ Cost-effective isolation thanks to an SPI bus
■ Reduces overall dissipation
■ Compact module HTSSOP-38 package
a.
With 10 pF capacitive GND coupling (primary vs. secondary ground of the isolation).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com