Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3161 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3161
Description  Using the STGW35HF60WD advanced PT IGBT in parallel
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3161 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3161 Datasheet HTML 3Page - STMicroelectronics AN3161 Datasheet HTML 4Page - STMicroelectronics AN3161 Datasheet HTML 5Page - STMicroelectronics AN3161 Datasheet HTML 6Page - STMicroelectronics AN3161 Datasheet HTML 7Page - STMicroelectronics AN3161 Datasheet HTML 8Page - STMicroelectronics AN3161 Datasheet HTML 9Page - STMicroelectronics AN3161 Datasheet HTML 10Page - STMicroelectronics AN3161 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AN3161
New advanced planar PT STGW35HF60WD
Doc ID 17151 Rev 1
7/14
3
New advanced planar PT STGW35HF60WD
3.1
Notes on technology and VCE(sat) grouping
An advanced PT IGBT has been introduced to enhance the previous 600 V, 35 A IGBT
STGW35NC60WD, tailored for high-frequency applications. From a technology point of
view, two main improvements have been implemented on this IGBT:
1.
The innovative double-drift process which changed the doping profile
2.
The advanced planar strip layout
Both factors allow the reduction of the effective resistance in the drift (N ¯) region and
significantly improve the dynamic performance, especially at high temperature. The
changes performed on the horizontal and vertical structure and their effect on this IGBT are
clearly shown in its datasheet: the new STGW35HF60WD shows a lower VCE(sat) typical
value than the equivalent STGW35NC60WD, and its Eoff max value (at IC = 20 A,
TJ = 125 °C) is guaranteed as per the datasheet. Tests performed on a significant number of
STGW35HF60WD samples show that the static temperature coefficient (see Equation 2),
changes in relation to the absolute VCE(sat) value, as shown in Figure 3.
Equation 2
Figure 3.
Static VCE(sat)(@20 A,15 V) derating for STGW35HF60WD
Figure 3 also explains how the total VCE(sat) population has been split to guarantee well-
balanced and reliable paralleling. The
∆ symbol beside group A, whose VCE(sat) values
belong to the interval (1.68 V
− 1.92 V [@20 A, 25 °C]), satisfies the equation:
V
CE sat
()
T
J
25
°C
=
() V
CE sat
() TJ
125
°C
=
()
–
⋅
V
CE sat
() TJ
125
°C
=
()
⁄
AM06442v1
VCE(sat) at 20 A, 25 °C
VCE(sat) at 20 A, 125 °C
1.4
1.5
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
2.4
2.5
0
25
50
75
100
125
150
Tj (°C)
Δ≈15.5%
Δ≈14.3%
Δ≈13%
Δ≈ 6%
"A" GROUP
"B" GROUP
"C" GROUP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com