Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3161 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN3161
Description  Using the STGW35HF60WD advanced PT IGBT in parallel
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3161 Datasheet(HTML) 3 Page - STMicroelectronics

  AN3161 Datasheet HTML 1Page - STMicroelectronics AN3161 Datasheet HTML 2Page - STMicroelectronics AN3161 Datasheet HTML 3Page - STMicroelectronics AN3161 Datasheet HTML 4Page - STMicroelectronics AN3161 Datasheet HTML 5Page - STMicroelectronics AN3161 Datasheet HTML 6Page - STMicroelectronics AN3161 Datasheet HTML 7Page - STMicroelectronics AN3161 Datasheet HTML 8Page - STMicroelectronics AN3161 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AN3161
List of figures
Doc ID 17151 Rev 1
3/14
List of figures
Figure 1.
∆IC (@TJ = 25 °C) of two paralleled IGBT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
Figure 2.
∆IC (@TJ > 25 °C) of two paralleled IGBT without negative feedback . . . . . . . . . . . . . . . . . 5
Figure 3.
Static VCE(sat)(@20 A,15 V) derating for STGW35HF60WD . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 4.
EOFF vs. VCE(sat) for the STGW35HF60WD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 5.
DC-DC boost scheme . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 6.
VCE(sat)(@20 A, 25 °C, 15 V) grouping for the STGW35HF60WD . . . . . . . . . . . . . . . . . . . . 9
Figure 7.
∆IC at TC = 25 °C (board startup) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 8.
∆IC at TC = 100 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 9.
∆IC at TC = 25 °C (board startup) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 10.
∆IC at TC = 100 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 11.
∆IC at TC = 25 °C (board startup) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 12.
∆IC at TC = 100 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com