Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4043 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4043
Description  In recent years the variable speed motor control market has required high performance
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4043 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4043 Datasheet HTML 5Page - STMicroelectronics AN4043 Datasheet HTML 6Page - STMicroelectronics AN4043 Datasheet HTML 7Page - STMicroelectronics AN4043 Datasheet HTML 8Page - STMicroelectronics AN4043 Datasheet HTML 9Page - STMicroelectronics AN4043 Datasheet HTML 10Page - STMicroelectronics AN4043 Datasheet HTML 11Page - STMicroelectronics AN4043 Datasheet HTML 12Page - STMicroelectronics AN4043 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
AN4043
Inverter design concept and SLLIMM-nano solution
Doc ID 022726 Rev 2
9/60
1.2
Product line-up and nomenclature
Table 1.
SLLIMM-nano line-up
Features
Basic version
Fully featured version
STGIPN3H60A
STGIPN3H60
Voltage (V)
600
600
Current @ TC = 25 °C (A)
3
3
RthJA max. (°C/W)
50
50
Package type
NDIP-26L
NDIP-26L
Package size (mm) X, Y, Z
29.5x12.5x3.1
29.5x12.5x3.1
Integrated bootstrap diode
Yes
Yes
SD function
No
Yes
Comparator for fault protection
No
Yes (1 pin)
Smart shutdown function
No
Yes
Op amps for advanced current sensing
No
Yes
Interlocking function
Yes
Yes
Undervoltage lockout
Yes
Yes
Open emitter configuration
Yes (3 pins)
Yes (3 pins)
3.3 / 5 V input interface compatibility
Yes
Yes
High-side IGBT input signal
Active high
Active high
Low-side IGBT input signal
Active high
Active low
Figure 4.
SLLIMM-nano nomenclature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com