Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4043 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN4043
Description  In recent years the variable speed motor control market has required high performance
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4043 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN4043 Datasheet HTML 20Page - STMicroelectronics AN4043 Datasheet HTML 21Page - STMicroelectronics AN4043 Datasheet HTML 22Page - STMicroelectronics AN4043 Datasheet HTML 23Page - STMicroelectronics AN4043 Datasheet HTML 24Page - STMicroelectronics AN4043 Datasheet HTML 25Page - STMicroelectronics AN4043 Datasheet HTML 26Page - STMicroelectronics AN4043 Datasheet HTML 27Page - STMicroelectronics AN4043 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
Electrical characteristics and functions
AN4043
24/60
Doc ID 022726 Rev 2
Figure 14.
Smart shutdown equivalent circuitry
In normal operation the outputs follow the commands received from the respective input
signals.
When a fault detection event occurs, the fault signal (FSD) is set to HIGH by the fault
detection circuit output and the FF receives a SET input signal. Consequently, the FF
outputs set the SLLIMM-nano output signals to low level and, at the same time, turn on the
open drain MOSFET which works as active pull-down for the SD signal. Note that the gate
driver outputs stay at low level until the SD pin has experienced both a falling edge and a
rising edge, although the fault signal may be returned to low level immediately after the fault
sensing. In fact, even if the FF is reset by the falling edge of the SD input, the SD signal also
works as enable for the outputs, thanks to the two AND ports. Moreover, once the internal
open drain transistor has been activated, due to the latch, it cannot be turned off until the SD
pin voltage reaches the low logic level. Note that, since the FF is SET dominant, oscillations
of the SD pin are avoided if the fault signal remains steady at a high level.
2.3.7
Timing chart of short-circuit protection and smart shutdown function
With reference to
Figure 15, the short-circuit protection is based on the following steps:
●
t1: when the output current is lower than the max. allowed level, the SLLIMM-nano is
working in normal operation
●
t2: when the output current reaches the max. allowed level (ISC), the overcurrent/short-
circuit event is detected and the protection is activated.
The voltage across the shunt resistor, and then on the CIN pin, exceeds the VREF value,
the comparator triggers, setting the device in shutdown state and both its outputs are
set to low level leading the half bridge in tri-state.
The smart shutdown switches off the IGBT gate (HVG, LVG) through a preferential path
(200 ns as typical internal delay time) and, at the same time, it switches on the M1
internal MOSFET. The SD signal starts the discharge phase and its value drops with a
time constant
τ
A. The time constant
τ
A value is given by:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com