Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4191 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN4191
Description  This report shows the analysis performed on Power MOSFET devices
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4191 Datasheet(HTML) 4 Page - STMicroelectronics

  AN4191 Datasheet HTML 1Page - STMicroelectronics AN4191 Datasheet HTML 2Page - STMicroelectronics AN4191 Datasheet HTML 3Page - STMicroelectronics AN4191 Datasheet HTML 4Page - STMicroelectronics AN4191 Datasheet HTML 5Page - STMicroelectronics AN4191 Datasheet HTML 6Page - STMicroelectronics AN4191 Datasheet HTML 7Page - STMicroelectronics AN4191 Datasheet HTML 8Page - STMicroelectronics AN4191 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Brief introduction to Power MOSFET intrinsic gate resistance
AN4191
4/20
Doc ID 023815 Rev 1
1
Brief introduction to Power MOSFET intrinsic gate
resistance
Power MOSFETs are 3-pin voltage-controlled devices: with a suitable voltage applied
between gate and source, higher than the Power MOSFET threshold voltage, a current
flows through the device channel between drain and source.
Figure 1.
Power MOSFET symbol, typical circuit and device structure
Figure 1 represents the Power MOSFET symbol, a typical circuit used for characterization
tests and the device structure. The gate-source junction in the silicon is isolated by the oxide
layer (gate oxide) and the drain-source current Id flows only if Vgs > Vth is applied. Generally,
even though the oxide layer is present in the gate-source structure, a leakage current flows
through it. In other words, the gate-source structure can be represented for simplicity as a
highly capacitive impedance; the real part of the impedance is the intrinsic Rg of the
MOSFET.
The intrinsic gate resistance is an equivalent electrical resistance due to many device
structure contributions (oxide, P-body, gate finger distributions…). The Rg value is a critical
parameter that deeply impacts the device’s switching performance, together with the power
conversion efficiency and device thermal management. The higher the Rg, the larger the
device’s switching and gate drive losses, and consequently, the higher the working
temperature of the MOSFET. In this case, there is the need for additional cooling
components (i.e. heatsinks). Figure 2 shows a simple representation of the internal
parameters of a device.
AM16408v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com