Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4213 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN4213
Description  Fluorescent lamps are increasingly driven by electronic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4213 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN4213 Datasheet HTML 18Page - STMicroelectronics AN4213 Datasheet HTML 19Page - STMicroelectronics AN4213 Datasheet HTML 20Page - STMicroelectronics AN4213 Datasheet HTML 21Page - STMicroelectronics AN4213 Datasheet HTML 22Page - STMicroelectronics AN4213 Datasheet HTML 23Page - STMicroelectronics AN4213 Datasheet HTML 24Page - STMicroelectronics AN4213 Datasheet HTML 25Page - STMicroelectronics AN4213 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
DC/AC converter and lamp
AN4213
22/42
DocID023984 Rev 2
4
DC/AC converter and lamp
The DC/AC converter uses a half-bridge voltage-fed topology with two Power MOSFETs
driven by the L6569 driver. It is a high-voltage half-bridge driver with an oscillator inside.
Here below is the complete electrical schematic of DC/AC inverter in half-bridge topology:
Figure 12. DC/AC converter
Voltage-fed series resonant half-bridge inverters are currently used for fluorescent lamps.
This topology makes easy to operate in zero-voltage switching (ZVS) resonant mode,
dramatically reducing transistor switching losses and the electromagnetic interference. This
type of inverter can operate up to 150 kHz in ZVS mode. For this project, the frequency has
been selected between 50 and 100 kHz, specifically
ƒ
run
57 kHz.
The frequency of the internal oscillator can be programmed using an external circuitry
composed of a resistor R
F
and a capacitor C
F
. The nominal oscillator frequency can be
calculated using the following
Equation 39:
Equation 39
From the above equation, imposing C
F
=560 pF, R
F
will be equal to 22 k
Ω.
4.1
Bootstrap circuit
The bootstrap block is needed to supply the high-voltage section. This function is normally
accomplished by a high-voltage fast-recovery diode. The L6569 has an internal bootstrap
circuit that replaces the external diode. The bootstrap capacitor (C
BOOT
) is charged every
time the low-side driver is on and the output pin is below the supply voltage (V
DD
) of the
gate driver. The bootstrap capacitor is discharged only when the high-side switch is turned
on. This bootstrap capacitor is the supply voltage (V
BS
) for the high circuit section.
AM17326v1
Vs
1
RF
2
3
CF
4
GND
BOOT
HVG
OUT
LVG
8
7
6
5
L6569
RF
+
CF
LAMP
LAMP
DC
400Vdc
Cboot
Csn
PTC
PTC
L3
L4
+
kHz
C
R
C
R
f
F
F
F
F
OSC
57
3863
.
1
1
2
ln
2
1
=
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com