Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4625 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4625
Description  STEVAL-IFP023V1 evaluation board for CLT01-38S4 input termination
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4625 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4625 Datasheet HTML 5Page - STMicroelectronics AN4625 Datasheet HTML 6Page - STMicroelectronics AN4625 Datasheet HTML 7Page - STMicroelectronics AN4625 Datasheet HTML 8Page - STMicroelectronics AN4625 Datasheet HTML 9Page - STMicroelectronics AN4625 Datasheet HTML 10Page - STMicroelectronics AN4625 Datasheet HTML 11Page - STMicroelectronics AN4625 Datasheet HTML 12Page - STMicroelectronics AN4625 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
DocID027187 Rev 1
9/26
AN4625
STEVAL-IFP023V1 evaluation board
26
C40, C55
Capacitor 3.3 nF/50 V
5% 1206
SMD 1206
Any
16
JMP1, JMP2
PCB switch 1K2
straight black
Through hole
EAO: ref 09-03290.01
2
SCR1, SCR4
Screw M3
Any
4
Frame1
PCB frame PFL2T
55x30x16 mm
PERANCEA
1
Frame2
PCB frame PFL11T
30x30x11 mm
PERANCEA
1
25 poles
micro-D female
(assembled) to
blunt cut cable
NORCOMP
1
9 poles
micro-D female
(assembled) to
blunt cut cable
NORCOMP
1
Table 1. STEVAL-IFP023V1 bill of material (continued)
Designator
Value
Package / footprint
Manufacturer / order
code
Quantity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com