Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4625 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4625
Description  STEVAL-IFP023V1 evaluation board for CLT01-38S4 input termination
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4625 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4625 Datasheet HTML 1Page - STMicroelectronics AN4625 Datasheet HTML 2Page - STMicroelectronics AN4625 Datasheet HTML 3Page - STMicroelectronics AN4625 Datasheet HTML 4Page - STMicroelectronics AN4625 Datasheet HTML 5Page - STMicroelectronics AN4625 Datasheet HTML 6Page - STMicroelectronics AN4625 Datasheet HTML 7Page - STMicroelectronics AN4625 Datasheet HTML 8Page - STMicroelectronics AN4625 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
DocID027187 Rev 1
5/26
AN4625
The CLT01-38S4 presentation
26
2
The CLT01-38S4 presentation
Typical applications for the CLT01-38S4 include PLCs (programmable logic controllers),
PACs (programmable automation controllers), distributed I/O systems, etc. The device
works as a serializer for mechanical switches, relay contacts and two-wire or three-wire
digital sensors (also known as proximity switches). Protected digital input characteristics are
in accordance with type 1, 2 and 3 of the IEC 61131-2 (programmable controller
international standard).
Available in 8-channel configuration, it offers a high-density termination by minimizing the
external component count. It is housed in HTSSOP-38 surface mount package to reduce
the printed circuit board size.
The CLT01-38S4 features are: eight parallel voltage protected inputs, a current limiting
circuit that regulates the channel current and feeds the indicator LEDs, a voltage regulator
and the SPI communication peripheral.
The CLT01-38S4 device is connected between sensors and microcontroller, FPGA or ASIC.
Current limiting circuit is compensated over the entire temperature range. Thanks to its low
tolerance, current limitation allows drastic reduction of power dissipation in comparison with
a resistive input (discrete solution); the overall module requires less cooling capability and is
smaller than a discrete solution.
Thanks to the integrated SPI communication, the CLT01-38S4 reduces number of lines that
typically need to be galvanically isolated, making the application more cost-effective. In a
16-bit input interface, conventional solutions require 16 isolators to isolate the control part
from the industrial environment. With the CLT01-38S4, the two-chip solution (16-bit
interface) connected in a daisy chain configuration requires 3 isolators only. In addition to
input data, it also provides device status information including thermal alarm and
undervoltage indication. Control bits for higher reliability can also be included in the frame
extension.
The CLT01-38S4 device block diagram and recommended application diagram are shown
in Figure 2 and Figure 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com