Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4650 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4650
Description  This document is intended to provide usage information
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4650 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4650 Datasheet HTML 5Page - STMicroelectronics AN4650 Datasheet HTML 6Page - STMicroelectronics AN4650 Datasheet HTML 7Page - STMicroelectronics AN4650 Datasheet HTML 8Page - STMicroelectronics AN4650 Datasheet HTML 9Page - STMicroelectronics AN4650 Datasheet HTML 10Page - STMicroelectronics AN4650 Datasheet HTML 11Page - STMicroelectronics AN4650 Datasheet HTML 12Page - STMicroelectronics AN4650 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 102 page
background image
1
Registers
Table 1. Registers
Register name
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
FUNC_CFG_ACCESS
01h
FUNC_CFG
_EN
00
0
0
0
0
0
SENSOR_SYNC_
TIME_FRAME
04h
TPH_7
TPH_6
TPH_5
TPH_4
TPH_3
TPH_2
TPH_1
TPH_0
FIFO_CTRL1
06h
FTH_7
FTH_6
FTH_5
FTH_4
FTH_3
FTH_2
FTH_1
FTH_0
FIFO_CTRL2
07h
TIMER_PEDO
_FIFO_EN
TIMER_PEDO
_FIFO_DRDY
0
0
FTH_11
FTH_10
FTH_9
FTH_8
FIFO_CTRL3
08h
0
0
DEC_FIFO
_GYRO2
DEC_FIFO
_GYRO1
DEC_FIFO
_GYRO0
DEC_FIFO
_XL2
DEC_FIFO
_XL1
DEC_FIFO
_XL0
FIFO_CTRL4
09h
0
ONLY_HIGH
_DATA
DEC_DS4
_FIFO2
DEC_DS4
_FIFO1
DEC_DS4
_FIFO0
DEC_DS3
_FIFO2
DEC_DS3
_FIFO1
DEC_DS3
_FIFO0
FIFO_CTRL5
0Ah
0
ODR_FIFO
_3
ODR_FIFO
_2
ODR_FIFO
_1
ODR_FIFO
_0
FIFO_MODE
_2
FIFO_MODE
_1
FIFO_MODE
_0
ORIENT_CFG_G
0Bh
0
0
SignX_G
SignY_G
SignZ_G
Orient_2
Orient_1
Orient_0
INT1_CTRL
0Dh
INT1_STEP
_DETECTOR
INT1_SIG
_MOT
INT1_FULL_
FLAG
INT1_FIFO_
OVR
INT1_FTH
INT1_BOOT
INT1_DRDY
_G
INT1_DRDY
_XL
INT2_CTRL
0Eh
IINT2_STEP
_DELTA
INT2_STEP
_COUNT_OV
INT2_FULL_
FLAG
INT2_FIFO_
OVR
INT2_FTH
INT2_DRDY
_TEMP
INT2_DRDY
_G
INT2_DRDY
_XL
WHO_AM_I
0Fh
0
1
1
0
1
0
0
1
CTRL1_XL
10h
ODR_XL3
ODR_XL2
ODR_XL1
ODR_XL0
FS_XL1
FS_XL0
BW_XL1
BW_XL0
CTRL2_G
11h
ODR_G3
ODR_G2
ODR_G1
ODR_G0
FS_G1
FS_G0
FS_125
0
CTRL3_C
12h
BOOT
BDU
H_LACTIVE
PP_OD
SIM
IF_INC
BLE
SW_RESET
CTRL4_C
13h
XL_BW_
SCAL_ODR
SLEEP_G
INT2_on
_INT1
FIFO_TEMP
_EN
DRDY
_MASK
I2C_disable
MODE3_EN
STOP_ON
_FTH
CTRL5_C
14h
ROUNDING2
ROUNDING1
ROUNDING0
0
ST1_G
ST0_G
ST1_XL
ST0_XL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com