| Electronic Components Datasheet Search |
|
UM0969 Datasheet(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0969 Datasheet(HTML) 35 Page - STMicroelectronics |
|
35 / 46 page ![]() UM0969 Power losses and dissipation Doc ID 17665 Rev 2 35/46 8 Power losses and dissipation The power dissipation of the IPM, during normal working, is due to the conduction and switching losses of IGBTs and diodes. The losses during the turn-off steady-state can be ignored, because of their very small amount, and because of the minor effect of increasing the temperature in the device. The conduction losses depend on the static electrical characteristics of the device (i.e. saturation voltage), therefore, they are a function of the conduction current and the device's junction temperature. On the other hand, the switching loss is determined by the dynamic characteristics, like turn- on/off time and overvoltage/current. Therefore, in order to obtain an accurate estimation of the switching losses, it is necessary to consider the DC-link voltage of the system, the applied switching frequency, the sinusoidal carrier frequency, and the power circuit layout in addition to the load current and junction temperature. In this chapter, simple equations for calculating the average power dissipation of the STGIPS10K60A are shown. The power loss calculation intends to provide users with a way of selecting a matched power device, however, it is not expected to be used for thermal dissipation design. 8.1 Assumptions ● PWM controlled inverter with sinusoidal output ● PWM signals are generated by the comparison between a sinusoidal waveform (at a fsine frequency) and a triangular waveform (at a fsw frequency) ● Duty amplitude of PWM signals varies between (1-ma)/2 and (1+ma)/2 where ma is the PWM modulation index ● Output current is sinusoidal (i=Ipeakcos(θ - φ)) and it does not include ripple ● Power factor of load output current is cos( φ); ideal inductive load is used for switching 8.2 Conduction loss The typical characteristics of forward drop voltage (at Tjmax) are approximated by the following linear equation for the IGBT and the diode, respectively. Equation 10 ● Vto_I = threshold voltage of IGBT ● Vto_D = threshold voltage of diode ● Rce_I = on-state slope resistance of IGBT ● Rd_D = on-state slope resistance of diode i R V v I _ ce I _ to cesat ⋅ + = i R V v D _ d D _ to f ⋅ + = |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |