Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SC5754 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SC5754
Description  NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (0.4 W) FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M04)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5754 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SC5754_15 Datasheet HTML 1Page - Renesas Technology Corp 2SC5754_15 Datasheet HTML 2Page - Renesas Technology Corp 2SC5754_15 Datasheet HTML 3Page - Renesas Technology Corp 2SC5754_15 Datasheet HTML 4Page - Renesas Technology Corp 2SC5754_15 Datasheet HTML 5Page - Renesas Technology Corp 2SC5754_15 Datasheet HTML 6Page - Renesas Technology Corp 2SC5754_15 Datasheet HTML 7Page - Renesas Technology Corp 2SC5754_15 Datasheet HTML 8Page - Renesas Technology Corp 2SC5754_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Data Sheet PU10008EJ02V0DS
2
2SC5754
ABSOLUTE MAXIMUM RATINGS (TA = +25
°°°°C)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
13
V
Collector to Emitter Voltage
VCEO
5.0
V
Emitter to Base Voltage
VEBO
1.5
V
Collector Current
IC
500
mA
Total Power Dissipation
Ptot
Note
735
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
−65 to +150
°C
Note Mounted on 38
× 38 mm, t = 0.4 mm polyimide PCB
THERMAL RESISTANCE
Parameter
Symbol
Test Conditions
Ratings
Unit
Junction to Ambient Resistance
Rth j-a1
Mounted on 38
× 38 mm, t = 0.4 mm
polyimide PCB
170
°C/W
Rth j-a2
Stand alone device in free air
570
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com