Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SC5754 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC5754
Description  NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (0.4 W) FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M04)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5754 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC5754_15 Datasheet HTML 1Page - Renesas Technology Corp 2SC5754_15 Datasheet HTML 2Page - Renesas Technology Corp 2SC5754_15 Datasheet HTML 3Page - Renesas Technology Corp 2SC5754_15 Datasheet HTML 4Page - Renesas Technology Corp 2SC5754_15 Datasheet HTML 5Page - Renesas Technology Corp 2SC5754_15 Datasheet HTML 6Page - Renesas Technology Corp 2SC5754_15 Datasheet HTML 7Page - Renesas Technology Corp 2SC5754_15 Datasheet HTML 8Page - Renesas Technology Corp 2SC5754_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
DATA SHEET
Caution Observe precautions when handling because these devices are sensitive to electrostatic discharge.
The information in this document is subject to change without notice. Before using this document, please confirm that
this is the latest version.
Not all devices/types available in every country. Please check with local NEC Compound Semiconductor Devices
representative for availability and additional information.
Document No. PU10008EJ02V0DS (2nd edition)
Date Published March 2003 CP(K)
Printed in Japan
NPN SILICON RF TRANSISTOR
2SC5754
NPN SILICON RF TRANSISTOR FOR
MEDIUM OUTPUT POWER AMPLIFICATION (0.4 W)
FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M04)
The mark
•
•
•
• shows major revised points.
©
©
©
© NEC Compound Semiconductor Devices 2001, 2003
FEATURES
• Ideal for 460 MHz to 2.4 GHz medium output power amplification
•PO (1 dB) = 26.0 dBm TYP. @ VCE = 3.6 V, f = 1.8 GHz, Pin = 15 dBm
• High collector efficiency:
ηC = 60%
• UHS0-HV technology (fT = 25 GHz) adopted
• High reliability through use of gold electrodes
• Flat-lead 4-pin thin-type super minimold (M04) package
ORDERING INFORMATION
Part Number
Quantity
Supplying Form
2SC5754
50 pcs (Non reel)
• 8 mm wide embossed taping
2SC5754-T2
3 kpcs/reel
• Pin 1 (Emitter), Pin 2 (Collector) face the perforation side of the tape
Remark To order evaluation samples, contact your nearby sales office.
The unit sample quantity is 50 pcs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com