Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN431 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN431
Description  Using ST6 analog inputs for multiple key decoding
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN431 Datasheet(HTML) 4 Page - STMicroelectronics

  AN431 Datasheet HTML 1Page - STMicroelectronics AN431 Datasheet HTML 2Page - STMicroelectronics AN431 Datasheet HTML 3Page - STMicroelectronics AN431 Datasheet HTML 4Page - STMicroelectronics AN431 Datasheet HTML 5Page - STMicroelectronics AN431 Datasheet HTML 6Page - STMicroelectronics AN431 Datasheet HTML 7Page - STMicroelectronics AN431 Datasheet HTML 8Page - STMicroelectronics AN431 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ANALOG KEYBOARD
4/15
PRACTICAL LIMITATIONS
Theoretically, for an ideal power supply, ADC and resistors, 255 keys could be detected. Practi-
cally however, it is necessary to take into account potential errors coming from:
- the power supply - the key resistivity - the resistor tolerance - the ADC error
The power supply tolerance can normally be neglected providing noise is not present at a fre-
quency within or above the frequency range of the RC delay of the resistive divider, as the ADC
reference is normally provided by the power supply of the ST6. For ST6 family members with ex-
ternal ADC reference voltage inputs, AVDD and AVSS may be used instead of VDD and VSS.
The sensitivity of the key can normally be neglected, as the resistance of the divider is high in
comparison to it. If the key resistivity is significant, it should be added to the “serial” pull-down re-
sistance of the different dividers. The key resistivity variation must also be added to the toler-
ance of the serial pull-down resistor (see resistor tolerance following).
The resistor tolerance affects the tolerance of the dividers. Two situations must be taken into ac-
count:
a) minimum value of pull-up combined with maximum values of pull-down = maximum voltage of
the divider at the ADC input.
b) maximum value of the pull-up combined with the minimum values of pull-down = minimum
voltage at the ADC input. These two cases give the maximum voltage variation of each divider
(see Table 3). The voltage variation ranges of two dividers must not overlap otherwise the key
cannot be decoded, even with an ideal converter.
Active
Key
R -2% ( )
R +2% ( )
S0
00
S1
1078
1122
S2
2352
2448
S3
4116
4284
S4
6468
6732
S5
9702
10098
S6
14700
15300
S7
22736
23664
S8
38416
39984
S9
88396
92004
Table 3. Effective Divider Resistors RX
Realistic converters require a margin be-
tween the range of variation. In the case of a
significant variation in the key resistivity, the
maximum resistivity of the key has to be
added to the value of the pull-down resistor in
case a). For case b) no error needs to be
added as the resistivity cannot be less than 0
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com