Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN431 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN431
Description  Using ST6 analog inputs for multiple key decoding
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN431 Datasheet(HTML) 5 Page - STMicroelectronics

  AN431 Datasheet HTML 1Page - STMicroelectronics AN431 Datasheet HTML 2Page - STMicroelectronics AN431 Datasheet HTML 3Page - STMicroelectronics AN431 Datasheet HTML 4Page - STMicroelectronics AN431 Datasheet HTML 5Page - STMicroelectronics AN431 Datasheet HTML 6Page - STMicroelectronics AN431 Datasheet HTML 7Page - STMicroelectronics AN431 Datasheet HTML 8Page - STMicroelectronics AN431 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
ANALOG KEYBOARD
5/15
Active Key
V (Rxmin-Rpmax)
V (Rxmax-Rpmin)
V
hex.
dec.
V
hex.
dec.
S0
0.00
00
0
0.00
00
0
S1
0.48
18
24
0.51
1A
26
S2
0.94
30
48
1.00
33
51
S3
1.44
49
73
1.52
4E
78
S4
1.94
63
99
2.04
68
104
S5
2.44
7C
124
2.54
81
129
S6
2.95
97
151
3.05
9B
155
S7
3.45
B0
176
3.54
B4
180
S8
3.95
C9
201
4.02
CD
205
Table 4. Voltage at the ADC-Input,Converter Results (5V supply)
The linearity of the ADC converter of the ST6 is normally specified for
⎛2 LSB, therefore a minimum
distance of 4 LSB is needed between the edges of the resistance tolerance ranges. For the best re-
sults, a minimum of 8 LSB should be used (see Table 4).
Active Key
R Error Range
(LSB)
Distance to next
Key
Valid Key Range
S0
0
24
0-0
S1
2
22
18-1A
S2
3
22
30-33
S3
4
21
49-4E
S4
5
20
63-68
S5
5
22
7C-81
S6
5
21
97-9B
S7
4
22
B0-B4
S8
3
24
C9-CD
S9
2
25
E5-E6
Table 5. AD-Converter Results



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com