Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN439 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN439
Description  The use of TRIACs is limited by their switching behavior
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN439 Datasheet(HTML) 3 Page - STMicroelectronics

  AN439 Datasheet HTML 1Page - STMicroelectronics AN439 Datasheet HTML 2Page - STMicroelectronics AN439 Datasheet HTML 3Page - STMicroelectronics AN439 Datasheet HTML 4Page - STMicroelectronics AN439 Datasheet HTML 5Page - STMicroelectronics AN439 Datasheet HTML 6Page - STMicroelectronics AN439 Datasheet HTML 7Page - STMicroelectronics AN439 Datasheet HTML 8Page - STMicroelectronics AN439 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AN439
TRIAC turn-off description
3/16
Figure 3.
dI/dt and dV/dt at turn-off
1.2
(dI/dt)c versus (dV/dt)c characterization
To characterize the turn-off TRIAC behavior, we consider a circuit in which the slope of the
decreasing current can be adjusted. In addition, the slope of the reapplied voltage can be
controlled by using, a circuit of resistors and capacitors connected across the TRIAC. For a
determined dV/dtOFF ((dV/dt)c), we progressively increase the dI/dtOFF until a certain level
which induces the spontaneous triggering of the TRIAC. This is the critical dI/dtOFF, called
the (dI/dt)c in TRIAC datasheets. This is also the way to trace the curve of the TRIAC
commutation behavior (see TRIAC datasheet curve “Relative variation of critical rate of
decrease of main current (dI/dt)c versus reapplied (dV/dt)c”).
In TRIAC datasheets, the commutation behavior is specified in different way according to
the TRIAC technologies. For standard TRIAC, a minimum (dV/dt)c is specified for a given
(dI/dt)c. For logic level TRIACs, a minimum (dI/dt)c is specified for two given (dV/dt)c (0.1
V/µs and 10 V/µs). For Snubberless TRIACs, a minimum (dI/dt)c is specified without
(dV/dt)c limitation.
Figure 4 represents the curve of the commutation behavior obtained with a standard 4 A
TRIAC. This TRIAC is available with different sensitivities:
●
Z0402: IGT = 3 mA;
●
Z0405: IGT = 5 mA;
●
Z0409: IGT = 10 mA;
●
Z0410: IGT = 25 mA.
For lower sensitive gate TRIACs (Z0409 and Z0410), the (dI/dt)c is slightly modified
according to the (dV/dt)c. For sensitive gate TRIACs (Z0402 and Z0405), this parameter
noticeably decreases when the slope of the reapplied voltage increases.
I
G
OUT
G
I
T
COM
V
T
I
T
t
V
T
I
G
t
t
V
Mains
dI/dt
OFF
dV/dt
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com