Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN440 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN440
Description  QII and QIII TRIAC triggering with positive power supply
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN440 Datasheet(HTML) 6 Page - STMicroelectronics

  AN440 Datasheet HTML 1Page - STMicroelectronics AN440 Datasheet HTML 2Page - STMicroelectronics AN440 Datasheet HTML 3Page - STMicroelectronics AN440 Datasheet HTML 4Page - STMicroelectronics AN440 Datasheet HTML 5Page - STMicroelectronics AN440 Datasheet HTML 6Page - STMicroelectronics AN440 Datasheet HTML 7Page - STMicroelectronics AN440 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Experimental results
AN440
6/8
3
Experimental results
Figure 6 gives a typical oscillogram within the following conditions:
●
TRIAC = BTA08-600CW
●
IRMS = 2.12 A (load power: 500 W)
●
Line voltage: 230 V rms, 50 Hz
●
VCC = 5 V
●
R1 = 36 Ω
●
R2 = 300 Ω
●
C = 3.3 µF
Figure 6.
Triggering at zero current
The component values are given in the following table for different application cases.
Table 1.
Component values for 3 different cases. TRIAC: BTA08-600CW
(IGT = 35 mA)
IRMS = 2 A
Vcc = 5 V
IRMS = 5 A
Vcc = 5 V
IRMS = 5 A
Vcc = 10 V
t1MIN (µs)
87.5
47
47
R1MAX (Ω)
39
39
110
CMIN (µF)
3.3
1.76
0.62
R2MAX (Ω)
306
569
1622
Gatecurrent
div)
Gate current
(50 mA/div)
Anode
div)
Anode current
(500 mA/div)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com