Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN441 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN441
Description  Inductive load control with AC switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN441 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN441 Datasheet HTML 2Page - STMicroelectronics AN441 Datasheet HTML 3Page - STMicroelectronics AN441 Datasheet HTML 4Page - STMicroelectronics AN441 Datasheet HTML 5Page - STMicroelectronics AN441 Datasheet HTML 6Page - STMicroelectronics AN441 Datasheet HTML 7Page - STMicroelectronics AN441 Datasheet HTML 8Page - STMicroelectronics AN441 Datasheet HTML 9Page - STMicroelectronics AN441 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AC switch control with an inductive load
AN441
6/16
Doc ID 3579 Rev 3
2.2
Gate control for full-wave operation
2.2.1
Gate current pulse width
Gate current pulse width must be set up to reach the required IL value. To avoid a break in
the current waveform at zero point, holding current also has to be taken into consideration
(see Application note AN302 for a definition of IH). Pulse width is given by Equation 4.
Equation 4
To reduce the pulse width duration, a more sensitive Triac could also be used.
2.2.2
Gate current synchronization with mains voltage
In case of inductive load, the current is lagging regarding to the mains voltage. This is why,
in case of control by gate current pulse, the gate pulse has to be applied with a delay after
each line zero voltage point which approximately equals the current-voltage phase shift (as
shown on Figure 6)
Figure 6.
Triac pulse width synchronization
In case the zero line voltage event is not sensed by the Triac control circuit or no timer is
available to manage triggering times, one solution is to apply a DC gate current. In this case
the average current consumption for the power supply will be higher. But today more and
more switching mode power supplies (SMPS) are used offering a higher output current
capability.
⎟⎟⎠
⎞
⎜⎜⎝
⎛
⋅
+
⎟⎟⎠
⎞
⎜⎜⎝
⎛
⋅
>
Ipeak
I
arcsin
ù
1
Ipeak
I
arcsin
ù
1
t
MAX
L
MAX
H
P
u(t)
i(t)
I
L
I
G
Delayed time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com