Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN533 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN533
Description  The behavior of a semiconductor device depends
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN533 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN533 Datasheet HTML 2Page - STMicroelectronics AN533 Datasheet HTML 3Page - STMicroelectronics AN533 Datasheet HTML 4Page - STMicroelectronics AN533 Datasheet HTML 5Page - STMicroelectronics AN533 Datasheet HTML 6Page - STMicroelectronics AN533 Datasheet HTML 7Page - STMicroelectronics AN533 Datasheet HTML 8Page - STMicroelectronics AN533 Datasheet HTML 9Page - STMicroelectronics AN533 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Through-hole packages
AN533
6/22
The formula to calculate the thermal resistance between heatsink and ambient air is the
following:
Where:
●
T
j is the junction temperature in °C
●
P is the maximum dissipated power in W
●
R
th(j-c) is the thermal resistance between junction and case in
°C/W
R
th(c-h) is the thermal resistance between case and heatsink in
°C/W, depending on the
contact case/heatsink.
Since the current alternates in a TRIAC, we have to consider the Rth(j-c) in alternating
current which is different to the Rth(j-c) in direct current.
This difference is due to the die of the TRIAC. The first half of the silicon die works when the
current is positive, the second when the current is negative. Because of the thermal coupling
between these two parts, this gives the following equation.
Rth(j-c)AC = 0.75 . Rth(j-c)DC
1.1.6
Choice of heatsink
Choosing a heatsink depends on several parameters; the thermal characteristic, the shape
and the cost.
However, in some applications a flat heatsink can be sufficient. Figure 4 shows the curve
Rth(h-a) versus the length of a flat square heatsink for different materials and thickness.
Some applications need heatsinks with an optimized shape where the thermal resistances
are not known.
For this, the best solution involves measuring the case temperature of the component in the
worst case scenario and keeping to the following formula:
Tc < Tjmax - P . Rth(j-c)
Where:
●
Tc is the case temperature
●
Tjmax is the maximum junction temperature
●
P is the dissipated power in the component
●
Rth(j-c) is the thermal resistance between junction and case.
Rth(h-a) =
Tj -Ta
P
- Rth(j-c) - Rth(c-h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com