Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN533 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN533
Description  The behavior of a semiconductor device depends
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN533 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN533 Datasheet HTML 6Page - STMicroelectronics AN533 Datasheet HTML 7Page - STMicroelectronics AN533 Datasheet HTML 8Page - STMicroelectronics AN533 Datasheet HTML 9Page - STMicroelectronics AN533 Datasheet HTML 10Page - STMicroelectronics AN533 Datasheet HTML 11Page - STMicroelectronics AN533 Datasheet HTML 12Page - STMicroelectronics AN533 Datasheet HTML 13Page - STMicroelectronics AN533 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Through-hole packages
AN533
10/22
There are six basic rules to bear in mind:
1.
Never clamp the plastic package (Figure 6).
Figure 6.
Clamping the lead not the package
2.
Clamp the leads firmly between the plastic package and the bend / cut point (Figure 7).
Figure 7.
Clamping the lead between the package and the bend / cut point
3.
Bend the leads at least 3 mm from the plastic package (Figure 8).
Figure 8.
Bending the lead at least 3 mm from the plastic package
Plastic package
Spaced
Clamp mechanism
Clamp mechanism
Lead forming or
cutting mechanism
✘
✘
✓
✓
Incorrect
Correct
3 mm
Correct
Incorrect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com