Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN863 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN863
Description  Improved sensorless control with the ST62 MCU for universal motor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN863 Datasheet(HTML) 1 Page - STMicroelectronics

  AN863 Datasheet HTML 1Page - STMicroelectronics AN863 Datasheet HTML 2Page - STMicroelectronics AN863 Datasheet HTML 3Page - STMicroelectronics AN863 Datasheet HTML 4Page - STMicroelectronics AN863 Datasheet HTML 5Page - STMicroelectronics AN863 Datasheet HTML 6Page - STMicroelectronics AN863 Datasheet HTML 7Page - STMicroelectronics AN863 Datasheet HTML 8Page - STMicroelectronics AN863 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
June 2008
Rev 2
1/22
AN863
APPLICATION NOTE
Improved sensorless control with the ST62 MCU
for universal motor
The universal motor is today the most widely used motor in home appliances (vacuum
cleaner, washer, hand tool, food processor...). Three modes of operation exist:
– in many cases, it is directly connected to the mains, without any speed adjustment.
More and more, however, the decreasing cost of electronics allows to include an adjustable
speed drive in the appliance. The control can be open loop or closed loop:
– in open loop mode, the speed is adjusted by the user but not regulated: it decreases when
the load increases. This is the case in many vacuum cleaners for example.
– in closed loop mode, the speed is regulated. This mode is used when the speed must be
accurately kept at a given value, in washers for example. This mode requires to add a speed
sensor on the motor shaft. Such a sensor is usually a tacho generator or magnet sensor.
The drawbacks of the speed sensor are many, but all boil down to higher cost and lower re-
liability, not to mention the extra bulk needed to accommodate the sensor inside the plastic
housing of a drill for example.
This document describes a speed regulator without sensor: the speed sensing is performed
indirectly by the ST6220, low-cost 8-bit microcontroller, measuring the motor current. Perform-
ance results are given, which are in line with the need of many home appliances.
1


Similar Part No. - AN863

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8612NSB PANASONIC-AN8612NSB Datasheet
65Kb / 7P
SCSI active terminator IC
AN8612NSR PANASONIC-AN8612NSR Datasheet
56Kb / 5P
SCSI Active Terminator IC
logo
Infineon Technologies A...
AN86233 INFINEON-AN86233 Datasheet
880Kb / 59P
PSoC™ 4 MCU: PSoC™ 4100S Max
Rev. E 2022-10-14
logo
Silicon Laboratories
AN865 SILABS-AN865 Datasheet
1Mb / 7P
APPLYING DUTY-CYCLE CONTROL TO SAVE POWER
logo
List of Unclassifed Man...
AN868-915A-1-IP67 ETC1-AN868-915A-1-IP67 Datasheet
764Kb / 5P
IP67 Base Station for Outdoor LoRa® Deployments US915 for North America
2021-08
More results

Similar Description - AN863

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMCF371 IRF-IRMCF371 Datasheet
398Kb / 8P
Sensorless Motor Control IC for Appliances
IRMCF343 IRF-IRMCF343 Datasheet
741Kb / 34P
Sensorless Motor Control IC for Appliances
IRMCK341 IRF-IRMCK341 Datasheet
642Kb / 36P
Sensorless Motor Control IC for Appliances
IRMCK343 IRF-IRMCK343 Datasheet
659Kb / 35P
Sensorless Motor Control IC for Appliances
IRMCK371 IRF-IRMCK371 Datasheet
562Kb / 33P
Sensorless Motor Control IC for Appliances
logo
Zilog, Inc.
AN031102-0311 ZILOG-AN031102-0311 Datasheet
2Mb / 26P
Sensorless Brushless DC Motor Control with the Z16FMC MCU
logo
International Rectifier
IRMCF371 IRF-IRMCF371_07 Datasheet
582Kb / 30P
Sensorless Motor Control IC for Appliances
IRMCF341 IRF-IRMCF341_15 Datasheet
659Kb / 32P
Sensorless Motor Control IC for Appliances
IRMCF343 IRF-IRMCF343_15 Datasheet
748Kb / 34P
Sensorless Motor Control IC for Appliances
IRMCF371 IRF-IRMCF371_15 Datasheet
582Kb / 30P
Sensorless Motor Control IC for Appliances
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com