Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN863 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN863
Description  Improved sensorless control with the ST62 MCU for universal motor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN863 Datasheet(HTML) 2 Page - STMicroelectronics

  AN863 Datasheet HTML 1Page - STMicroelectronics AN863 Datasheet HTML 2Page - STMicroelectronics AN863 Datasheet HTML 3Page - STMicroelectronics AN863 Datasheet HTML 4Page - STMicroelectronics AN863 Datasheet HTML 5Page - STMicroelectronics AN863 Datasheet HTML 6Page - STMicroelectronics AN863 Datasheet HTML 7Page - STMicroelectronics AN863 Datasheet HTML 8Page - STMicroelectronics AN863 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2/22
IMPROVED SENSORLESS CONTROL WITH THE ST62 MCU FOR UNIVERSAL MOTOR
1 UNIVERSAL MOTOR PRINCIPLES
The universal motor can be driven in AC or DC mode. Figure 1 shows the two most
popular variable speed drive principles. The goal is to adjust the voltage seen by the
motor in order to adjust its speed. In AC mode, the motor voltage is adjusted by var-
ying the firing delay of a triac. This is done with a diac, resistor and capacitor when
lowest cost is desired, and with an 8 bit micro-controller when higher performance
and added features are desired, such as user interface or monitoring [1]. The switch
is usually a triac, the cheapest power switch.
In DC mode, the motor is supplied by a high frequency pulse width modulated (PWM)
DC voltage. The voltage seen by the motor is proportional to the PWM duty cycle,
which can be adjusted to modify the speed. The power switch used to chop the DC
voltage at high frequency is a power MOS or an IGBT. The DC mode has several ad-
vantages versus the AC mode (less acoustic noise, higher efficiency, lower har-
monics content, all due to lower current ripple, as is shown in Figure 1). However, in
low cost appliances, the AC mode still dominates due to its lower cost (no rectifier
bridge, no fast diode, triac cheaper than IGBT or MOS). This is the mode we will focus
on in the next pages.
The universal motor is a serial excitation motor. Therefore, the motoring torque is pro-
portional to the square of the motor current:
Tm = k. I²
The mechanical power is the product of the torque by the speed:
P = Tm.
Ω
If we assume 100% efficiency, the mechanical power equals the electrical power V.I
input to the motor. It follows that the speed is proportional to
V/I:
Ω = k'. V / I (V and I are average voltage and current over a mains period). The first
consequence is that the motor speed is proportional to the average motor voltage.
At constant speed, the resistive torque Tr is equal to the motoring torque Tm. It
comes from the previous equations that the speed is given by:
Ω= k.V /
.
This equation shows that when the resistive load torque increases at a given voltage,
the motor speed will decrease, hence the need for speed regulation. This regulation
can be performed by adjusting the average voltage V.
Tr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com