Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN971 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN971
Description  The goal of this application note is to present an practical example
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN971 Datasheet(HTML) 4 Page - STMicroelectronics

  AN971 Datasheet HTML 1Page - STMicroelectronics AN971 Datasheet HTML 2Page - STMicroelectronics AN971 Datasheet HTML 3Page - STMicroelectronics AN971 Datasheet HTML 4Page - STMicroelectronics AN971 Datasheet HTML 5Page - STMicroelectronics AN971 Datasheet HTML 6Page - STMicroelectronics AN971 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4/7
I2C COMMUNICATION BETWEEN ST7 AND M24Cxx EEPROM
2.4 INITIATING A COMMUNICATION ON THE I2C BUS
To initiate an I2C communication, first a start condition has to be generated and then the se-
lected slave address has to be sent, both by the master.
In the ST7 I2C peripheral this action is done by setting the START bit of the Control Register
(CR) followed by writing the slave address in the Data Register (DR) with the least significant
bit correctly set (0 = transmission, 1 = reception).
2.5 SENDING A DATA BYTE ON THE I2C BUS
To transmit a new data byte from the ST7 I2C peripheral on the I2C bus, the address or data
byte previously transmitted has to be completed correctly. This previous byte transmission
check is done by a polling loop on the BTF flag of the Status Register 1 (SR1). If during this
loop an error is detected in the Status Registers (SR1,SR2) then the application goes into an
infinite loop (no error management).
When the previous data transmission is over, the application writes the new data byte to be
transmitted in the Data Register (DR).
Note: If the data byte to be transmitted is the first one after the slave address, a dummy write
in the Control Register (CR) has to be performed to allow the setting of the BTF bit (see ST7
datasheet for more details). In this application, this dummy write is done by setting the PE bit
for each data byte transmission (see description of EV6 in the Transfer Sequencing diagram
in I2C datasheet description).
2.6 RECEIVING A DATA BYTE ON THE I2C BUS
To receive a new data byte in the ST7 I2C peripheral from the I2C bus, the data byte to receive
has to be completed correctly. This byte reception check is done by a polling loop on the BTF
flag of the Status Register 1 (SR1). If during this loop an error is detected in the Status Regis-
ters (SR1, SR2) then the application goes in an infinite loop (no error management).
When the data reception is finalized, the application reads the new data byte received in the
Data Register (DR).
To close the communication: Before reading the last byte from the DR register, set the STOP
bit to generate the Stop condition. The interface goes automatically back to slave mode (M/
SL bit cleared). In order to generate the non-acknowledge pulse after the last received data
byte, the ACK bit must be cleared just before reading the second last data byte.
Note: If the data byte to be received is the first one after the slave address, a dummy write in
the Control Register (CR) has to be performed to allow the setting of the BTF bit (see ST7 da-
tasheet for more details). In this application, this dummy write is done by setting the PE bit for
each data byte reception (see description of EV6 in the Transfer Sequencing diagram in I2C
datasheet description).



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com