Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN971 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN971
Description  The goal of this application note is to present an practical example
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN971 Datasheet(HTML) 5 Page - STMicroelectronics

  AN971 Datasheet HTML 1Page - STMicroelectronics AN971 Datasheet HTML 2Page - STMicroelectronics AN971 Datasheet HTML 3Page - STMicroelectronics AN971 Datasheet HTML 4Page - STMicroelectronics AN971 Datasheet HTML 5Page - STMicroelectronics AN971 Datasheet HTML 6Page - STMicroelectronics AN971 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5/7
I2C COMMUNICATION BETWEEN ST7 AND M24Cxx EEPROM
2.7 COMMUNICATING WITH THE I2C EEPROM
The communication protocol between the ST7 and the external M24Cxx EEPROM is given in
Figure 2. For more details, please refer to the ST24C08 datasheet.
Figure 2. I2C Communication Protocol
The ST7 / M24Cxx communication application is based on two steps:
– Write the content of an output buffer (from the ST7 ROM) in the M24Cxx EEPROM
– Read this written buffer from the M24Cxx EEPROM to the ST7 RAM.
Figure 3. shows the flowchart of these two steps.
Figure 3. Communication Application Flowchart
ACK
START EEPROM @
SUB @
ACK
DATA 1
ACK
DATA 2
ACK
DATA N-1
DATA N
STOP
ACK
START EEPROM @
SUB @
ACK
DATA 1
ACK
DATA N
NACK STOP
ACK
START EEPROM @
ACK
Write data from ST7 to EEPROM
Read data from EEPROM to ST7
SEND SUB @ DATA
INITIATE TRANSMISSION
(START + SLAVE @)
END OF
BUFFER
yes
no
SEND NEXT BUFFER DATA
SEND SUB @ DATA
INITIATE TRANSMISSION
(START + SLAVE @)
INITIATE RECEPTION
(START + SLAVE @ with LSB set)
LAST DATA
TO RECEIVE
yes
no
RECEIVE NEXT BUFFER DATA
SET THE STOP CONDITION BIT
SET THE STOP CONDITION BIT
no
yes
Write data from ST7 to EEPROM
Read data from EEPROM to ST7
END OF
RECEPTION
yes
CLEAR ACKNOWLEDGE BIT
2nd LAST DATA
TO RECEIVE
no



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com