Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN975 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN975
Description  As part of a process of continuous improvement
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN975 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN975 Datasheet HTML 2Page - STMicroelectronics AN975 Datasheet HTML 3Page - STMicroelectronics AN975 Datasheet HTML 4Page - STMicroelectronics AN975 Datasheet HTML 5Page - STMicroelectronics AN975 Datasheet HTML 6Page - STMicroelectronics AN975 Datasheet HTML 7Page - STMicroelectronics AN975 Datasheet HTML 8Page - STMicroelectronics AN975 Datasheet HTML 9Page - STMicroelectronics AN975 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6/11
UPGRADING FROM ST625X/6XB TO ST625X/6XC
set bit, datacopy
ld A, datacopy
ld DRA, A
1.2.2.2 Safe I/O State Switching Sequence
Switching the I/O ports from one state to another should be done in a sequence which ensures
that no unwanted side-effects can occur. The recommended safe transitions are illustrated in
Figure 4. All other transitions are potentially risky and should be avoided when changing the
I/O operating mode.
Figure 4. Diagram showing Safe I/O State Transitions
1.2.2.3 Handling Unused Port Bits
On ports that have less than 8 external pins connected:
– Leave the bits related to the unbonded pins in reset state and do not change their configu-
ration.
– Do not use instructions that act on a whole port register (INC, DEC, or read operations). Un-
available bits must be masked by software (AND instruction). Thus, when a read operation
performed on an incomplete port is followed by a comparison, use a mask.
1.2.3 8-bit Timer
On C revision devices, in order to use the 8-bit timer in gated mode, the PC1/TIM1 pin has to
be configured in input mode either with or without pull-up through the Port C DDR, OR and DR
registers.
On B revision devices, it was possible to define PC1/TIM1 pin as output in this mode. But on
C revision devices, if this pin is configured as output, the Schmitt trigger input is disabled and
the timer will therefore not work properly.
Interrupt
pull-up
Output
Open Drain
Output
Push-pull
Input
pull-up (Reset
state)
Input
Analog
Output
Open Drain
Output
Push-pull
Input
010*
000
100
110
011
001
101
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com