Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN975 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN975
Description  As part of a process of continuous improvement
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN975 Datasheet(HTML) 3 Page - STMicroelectronics

  AN975 Datasheet HTML 1Page - STMicroelectronics AN975 Datasheet HTML 2Page - STMicroelectronics AN975 Datasheet HTML 3Page - STMicroelectronics AN975 Datasheet HTML 4Page - STMicroelectronics AN975 Datasheet HTML 5Page - STMicroelectronics AN975 Datasheet HTML 6Page - STMicroelectronics AN975 Datasheet HTML 7Page - STMicroelectronics AN975 Datasheet HTML 8Page - STMicroelectronics AN975 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3/11
UPGRADING FROM ST625X/6XB TO ST625X/6XC
Figure 1. Low Voltage Detector Reset
1.1.2 Oscillator Safeguard (OSG)
The Oscillator Safeguard (OSG) feature is a means of dramatically improving the operational
integrity of the MCU.The OSG function is enabled by setting the OSG option bit in the Option
Byte (refer to the Option Bytes section in the device data sheet).
The OSG acts as a filter whose cross-over frequency is device dependent and provides three
basic functions:
– Filtering spikes on the oscillator lines which would result in driving the CPU at excessive fre-
quencies
– Management of the Low Frequency Auxiliary Oscillator (LFAO), (useable as low cost internal
clock source, backup clock in case of main oscillator failure or for low power consumption)
– Automatically limiting the fINT clock frequency as a function of supply voltage, to ensure cor-
rect operation even if the power supply drops.
The OSG function is illustrated in Figure 2. For more details on it, please refer to the Clock,
Supply and Reset section in the device data sheet.
Please note that the OSG should be used wherever possible as it provides maximum security
for the application. It should be noted however, that it can increase power consumption and re-
duce the maximum operating frequency to fOSG (refer to the Electrical Characteristics section
of the device data sheet).
Caution: Care has to be taken when using the OSG, as the internal frequency is defined be-
tween a minimum and a maximum value and may vary depending on both VDD and tempera-
ture. For precise timing measurements, it is not recommended to use the OSG.
VDD
VIT+
RESET
VIT-
Vhyst



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com