Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1753 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN1753
Description  Software UART using ST7LITE0 12-bit autoreload timer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1753 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN1753 Datasheet HTML 7Page - STMicroelectronics AN1753 Datasheet HTML 8Page - STMicroelectronics AN1753 Datasheet HTML 9Page - STMicroelectronics AN1753 Datasheet HTML 10Page - STMicroelectronics AN1753 Datasheet HTML 11Page - STMicroelectronics AN1753 Datasheet HTML 12Page - STMicroelectronics AN1753 Datasheet HTML 13Page - STMicroelectronics AN1753 Datasheet HTML 14Page - STMicroelectronics AN1753 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
DocID9986 Rev 2
11/22
AN1753
Hardware setup
5
Hardware setup
A general system configuration is shown in Figure 1. The ST7FLITE0 is connected to an
RS-232 line driver chip which is in turn connected to any RS-232-compatible device. The
RS-232 line driver is needed to convert the 5-volt logic level of the ST7FLITE0 to the proper
RS-232 line voltages, and vice versa.
Figure 4 shows a specific example of a hardware setup required for UART in which the
ST7FLITE0 processor and RS-232 Driver/ Receiver are used. You can use different
driver/receiver in your application. For example, you can use an MC14C88/ 89 as a low cost
solution.
The Receive Data pin (RD) of the PC serial port must correspond to the PA3 pin of the
ST7FLITE0, and the Transmit Data pin (TD) to the PA7 pin.
Caution:
The three main devices (PC, ST7LITE0, MAX232) must have the same electrical reference
(GND). For a detailed description of MAX232, please refer to the datasheet.
Figure 4. Test Setup
PC
TERMINAL
serial port
TD
RD
GROUND
MAX232
IN
OUT
OUT
IN
ST7FLITE0
GND
GND
GND
PA7 pin
PA3 pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com