Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1753 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1753
Description  Software UART using ST7LITE0 12-bit autoreload timer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1753 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1753 Datasheet HTML 1Page - STMicroelectronics AN1753 Datasheet HTML 2Page - STMicroelectronics AN1753 Datasheet HTML 3Page - STMicroelectronics AN1753 Datasheet HTML 4Page - STMicroelectronics AN1753 Datasheet HTML 5Page - STMicroelectronics AN1753 Datasheet HTML 6Page - STMicroelectronics AN1753 Datasheet HTML 7Page - STMicroelectronics AN1753 Datasheet HTML 8Page - STMicroelectronics AN1753 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
UART communication
AN1753
4/22
DocID9986 Rev 2
1
UART communication
The main features of a standard UART are summarized below.
1.1
Main features
The UART offers a flexible means of full-duplex data exchange with external equipment
requiring an industry standard NRZ asynchronous serial data format.
The UART allows a very wide range of baud rates and different baud rates for transmission
and reception.
In UART communication, a minimum of only two signals are needed, one for transmission
and one for reception. No clock signal is needed as it works in asynchronous mode. Each
device has to have a Transmit Data Output pin (the PA3 pin is used in our example for the
ST7FLITE0) and a Receive Data Input pin (PA7 pin in our example). (Refer to Figure 1.)
Figure 1. ST7 UART communication set-up
You must be very careful to identify the use of each pin. A simple method is to put the device
in transmission and check with an oscilloscope if a transmission frame is present or not.
1.2
Baud rate
Transmission and reception can be driven by their own baud rate generator. However, be
aware that, for a correct communication, the receiver must have a reception baud rate
strictly equal to the transmission baud rate of the transmitter. If not, the communication will
be corrupted. As long as this condition is met, a wide range of baud rates is possible.
1.3
Frame
Any transmission is Least Significant Bit first. A data word is usually 8 bits long. A data
frame begins with a «start bit», which is a ‘0‘ bit and ends with a stop bit, which is a ‘1‘ bit
(see Figure 2).
ST7 system
RDI
TDO
Terminal
device
(TDO) PA3
(RDI) PA7
ST7FLITE0
(host)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com