Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1775 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN1775
Description  STR71x Hardware Development Getting Started
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1775 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN1775 Datasheet HTML 3Page - STMicroelectronics AN1775 Datasheet HTML 4Page - STMicroelectronics AN1775 Datasheet HTML 5Page - STMicroelectronics AN1775 Datasheet HTML 6Page - STMicroelectronics AN1775 Datasheet HTML 7Page - STMicroelectronics AN1775 Datasheet HTML 8Page - STMicroelectronics AN1775 Datasheet HTML 9Page - STMicroelectronics AN1775 Datasheet HTML 10Page - STMicroelectronics AN1775 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
AN1775
2 Clock management
7/27
Figure 4.
RTC oscillator
2.3
USB clock
STR710 and STR711 series microcontrollers contain a USB 2.0 Full Speed device module
interface that operates at a precise frequency of 48 MHz. This clock is usually provided by an
external oscillator connected to the USB clock pin USBCLK. However, to save the board’s
space and cost, the 48MHz USB clock can also be generated by the internal PLL2 using one
single external oscillator for both system and USB module.
This part of the application note describes the hardware and software reference
implementation. USB Full Speed signal quality and jitter results can be measured using a
single external oscillator to generate not only the System PLL clock and Peripheral’s clocks, but
also the 48MHz USB clock.
2.3.1
Hardware implementation
The hardware implementation guidelines are described in the figure below.
STR71x
RTCXTI
VSS
GND
32kHz CRYSTAL
GND
RTCXTO
15pF*
15pF*
* these values are given only as examples, refer to the crystal manufacturer for more details



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com