Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1775 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1775
Description  STR71x Hardware Development Getting Started
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1775 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1775 Datasheet HTML 1Page - STMicroelectronics AN1775 Datasheet HTML 2Page - STMicroelectronics AN1775 Datasheet HTML 3Page - STMicroelectronics AN1775 Datasheet HTML 4Page - STMicroelectronics AN1775 Datasheet HTML 5Page - STMicroelectronics AN1775 Datasheet HTML 6Page - STMicroelectronics AN1775 Datasheet HTML 7Page - STMicroelectronics AN1775 Datasheet HTML 8Page - STMicroelectronics AN1775 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
1 Power management
AN1775
4/27
1
Power management
1.1
Overview
The chip is powered by an external 3V3 supply(V33: 2.7 to 3.6 V, AVDD: 3.0 to 3.6 V).
All I/Os are 3V3-capable. An internal Voltage Regulator generates the supply voltage for core
logic (~=1.8V). The two V18 pins must be connected to external stabilization capacitors. The
following figure indicates the recommended configuration for the power supply pins:
Figure 1.
STR71x power supply pins
1.2
Power management block
The following figure describes the power management block implemented on the STR71x
devices.
Figure 2.
Power Management Block
The STR71x power management block has two regulators:
●
The Main Voltage Regulator MVR.
●
The Low Power Voltage Regulator LPVR.
Note the following remarks about the two regulators:
●
Both regulators can be switched-off by software
STR71x
V33
V18
V18BKP
VSS
VSSBKP
GND
10µF
33nF
GND
1µF
GND
V33IO-PLL
VSSIO-PLL
3V3
I/O circuitry
3.3 V
CORE
Main Voltage
Backup block
Low Power Voltage
1.8 V
switch
Regulator (LPVR)
Regulator (MVR)
see note 1
GND
10µF
33nF
V18
GND
1µF
V18BKP
3V3
V33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com