Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1809 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1809
Description  STR71x ADC DRIVING AN ANALOG KEYBOARD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1809 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1809 Datasheet HTML 1Page - STMicroelectronics AN1809 Datasheet HTML 2Page - STMicroelectronics AN1809 Datasheet HTML 3Page - STMicroelectronics AN1809 Datasheet HTML 4Page - STMicroelectronics AN1809 Datasheet HTML 5Page - STMicroelectronics AN1809 Datasheet HTML 6Page - STMicroelectronics AN1809 Datasheet HTML 7Page - STMicroelectronics AN1809 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3/8
STR71x ADC Driving an Analog Keyboard
interrupt will be generated if all interrupt bits and all Data Available flags in the ADC_CSR are
set.
The clock configuration of the STR71x converter is used to define the oversampling fre-
quency which clocks the modulator of the Sigma-Delta converter. This frequency is pro-
grammed basing on the fPCLK2 frequency and the Sampling frequency. The oversampling rate
is obtained by configuring the 12-bit value of the prescaler register.
The value to write in the Converter prescaler register is:
ADC_CPR = (RCCU_FrequencyValue(RCCU_PCLK)/(Adc12_clk*512*8))
The real factor, by which the input frequency will be multiplied to produce the oversampling
frequency, is twice the prescaler register value.
1.2 I/O CONFIGURATION
The STR71x Analog to Digital Converter provides four analog input pins for connecting dif-
ferent analog signals. These pins are internally multiplexed to use the same Sigma-Delta
logic.
Depending on the conversion mode (Continuous or Single Channel), you can use either the
four analog inputs or only one selected pin. If you are using the Single Channel mode, you can
select a pin by writing the channel number in the A[1:0] bits in the Control Status Reg-
ister(ADC_CSR). These pins are mapped on the pins of GPIO port 1(P1.1, P1.2, P1.3, P1.4).
To use the port pins as analog inputs, you must configure them as High impedance-Analog In-
puts by writing the appropriate values in to the PC0, PC1 and PC2 registers of GPIO Port 1.
1.3 ANALOG KEYBOARD
The analog keyboard is formed by a number of keys connected to resistive dividers; with a
pull-up resistor. In the analog keyboard each key is associated with a voltage.
R0-->R14: serial resistors through which keys will be connected to the analog input.
R0
R1
R13
R14
Rup
key0
key1
key14
key15
Keyboard
To Vdd
To Analog input
Vkey
To Vss



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com