Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1809 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1809
Description  STR71x ADC DRIVING AN ANALOG KEYBOARD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1809 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1809 Datasheet HTML 1Page - STMicroelectronics AN1809 Datasheet HTML 2Page - STMicroelectronics AN1809 Datasheet HTML 3Page - STMicroelectronics AN1809 Datasheet HTML 4Page - STMicroelectronics AN1809 Datasheet HTML 5Page - STMicroelectronics AN1809 Datasheet HTML 6Page - STMicroelectronics AN1809 Datasheet HTML 7Page - STMicroelectronics AN1809 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4/8
STR71x ADC Driving an Analog Keyboard
Rup: The pull-up resistor by which the vkey is maintained to Vdd when no key is pressed.
The associated voltage of the pressed key is given by:
If more than one key is pressed at the same time, the key detected will be the next key in the
chain closest to the ADC input. This means that the key recognition is managed by priority.
1.3.1 Key recognition
The number of keys which can be detected depends on the tolerance of the resistors used.
This mean that we must take a voltage range corresponding to each key when we convert the
result.
The resistor value and the equivalent voltage of each key are given by the following table.
Rup =1200 Ω
Table 1. Key decision
Key
Resistor
(
Ω)
Voltage
(mV)
Key
Resistor
(
Ω)
Voltage
(mV)
0
0
0
8
220
1121
1
56
111
9
270
1273
2
68
234
A
390
1442
3
82
366
B
560
1616
4
100
507
C
820
1788
5
120
654
D
1200
1946
6
150
810
E
1800
2084
7
180
966
F
2800
2200
V
Key
i
V
dd
V
ss
–
()
R
j
j
0
=
i
1
–
∑
R
up
R
j
j
0
=
i
1
–
∑
+
----------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com