Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1828 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN1828
Description  The document explains how to design
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1828 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN1828 Datasheet HTML 3Page - STMicroelectronics AN1828 Datasheet HTML 4Page - STMicroelectronics AN1828 Datasheet HTML 5Page - STMicroelectronics AN1828 Datasheet HTML 6Page - STMicroelectronics AN1828 Datasheet HTML 7Page - STMicroelectronics AN1828 Datasheet HTML 8Page - STMicroelectronics AN1828 Datasheet HTML 9Page - STMicroelectronics AN1828 Datasheet HTML 10Page - STMicroelectronics AN1828 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7/17
PIR (PASSIVE INFRARED) DETECTOR USING ST7FLITE05/09/SUPERLITE
1.7.3 Hardware Self-Test
Hardware self-testing is performed each time the circuit is powered-ON or at microcontroller
reset. The hardware problem can be indicated by a dedicated LED (D1). In this test, the status
of the transistor Q1 (BC557) collector is checked with respect to the signal at the base of tran-
sistor Q3 (BC547) thus confirming the proper working of the transistor circuitry. LED(D1) gets
ON till hardware test routine executes.
1.7.4 LED Indicators
There are six LEDs (D1-D5,D7) in the circuit for indicating different status types, as explained
below:
1.7.5 Sensitivity Selection
The system can be made more or less sensitive by assigning high or small values to the pa-
rameters used to take movement detection decision. The parameters can be changed in a
function “select_sensitivity()” defined in “main.c”. At one time two values can be assigned to
the parameters and the selection for any value can be done by using jumper J8 (connected to
pin PB1 through a 10K
Ω resistor).
1.7.6 ICP connector
ICP (In circuit Programmer) connector can be used to program the device on the circuit.
LED
Purpose
Description
Led D1
Fault
This LED shows the result of hardware self test. LED Blinking indicates
some hardware (transistor circuitry) fault.
Led D2
Free
Available for user requirements. The port pin is configured as output
push-pull high.
Led D3
Heart Beat
It blinks to show that the microcontroller is working properly.
Led D4
Tamper indicator
LED ON means tampering occurred, selected by putting jumper J11
and removing J10.
Led D5
Movement
indicator
LED ON means human movement detected.
Led D7
Power supply
indicator
LED ON shows that the circuit is receiving power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com