Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1828 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN1828
Description  The document explains how to design
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1828 Datasheet(HTML) 2 Page - STMicroelectronics

  AN1828 Datasheet HTML 1Page - STMicroelectronics AN1828 Datasheet HTML 2Page - STMicroelectronics AN1828 Datasheet HTML 3Page - STMicroelectronics AN1828 Datasheet HTML 4Page - STMicroelectronics AN1828 Datasheet HTML 5Page - STMicroelectronics AN1828 Datasheet HTML 6Page - STMicroelectronics AN1828 Datasheet HTML 7Page - STMicroelectronics AN1828 Datasheet HTML 8Page - STMicroelectronics AN1828 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2/17
PIR (PASSIVE INFRARED) DETECTOR USING ST7FLITE05/09/SUPERLITE
1 SENSOR OVERVIEW
The human body radiates infrared waves with wavelengths of 8 to 12 micrometers. Any move-
ment by a person leads to a change in the amount of infrared energy which a sensor can de-
tect within its range. The PIR sensor reacts to this change in infrared energy and provides a
low-frequency, small amplitude signal. This signal can be amplified and decoded using a
ST7Lite05 microcontroller (as explained in Section 1.2).
1.1 INFRARED FOCUSING BY FRESNEL LENS
The sensor can sense the change in the amount of infrared energy within small distances, ap-
proximately up to 10 inches. For detecting movements at longer distance, infrared radiation
has to be focused. This focusing is done by a Fresnel lens. A Fresnel lens divides the whole
area into different zones. Any movement between zones leads to a change in the IR (infrared)
energy received by the sensor. There are different types of Fresnel lenses depending on the
range (distance) and coverage angle. For example, volumetric lenses and curtain lenses etc.
1.2 PIR DETECTOR USING ST7FLITE05 MICROCONTROLLER
A PIR detector can be made easily with ST7FLITE05 using the circuit shown in Figure 2. The
sensor interfacing circuit (shown on the left side of the microcontroller in Figure 2) can be di-
vided into the following modules:
1.Transistor circuit used as an amplifier.
2.Transistor biasing controlled through the microcontroller.
3. Software-controlled transistor output.
Figure 1. Block Diagram
PIR sensor
RC
Integrator
Transistor
Amplifier
ST7 Micro-
controller
Alarm
Biasing Signal
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com