Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1966 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1966
Description  In most of their applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1966 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1966 Datasheet HTML 1Page - STMicroelectronics AN1966 Datasheet HTML 2Page - STMicroelectronics AN1966 Datasheet HTML 3Page - STMicroelectronics AN1966 Datasheet HTML 4Page - STMicroelectronics AN1966 Datasheet HTML 5Page - STMicroelectronics AN1966 Datasheet HTML 6Page - STMicroelectronics AN1966 Datasheet HTML 7Page - STMicroelectronics AN1966 Datasheet HTML 8Page - STMicroelectronics AN1966 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AN1966
Overvoltage protection solution
3/14
2
Overvoltage protection solution
The principle of the protection we propose here consists of turning on the TRIAC by the gate
as soon as the voltage across it exceeds a certain value. Such a principle can be easily
implemented with a low-cost circuit (see Figure 2. for schematic diagram). This circuit uses
a bidirectional Transil diode whose current/voltage characteristic is shown in Figure 3.
When the TRIAC voltage reaches the Transil VBR voltage, the Transil conducts, then
provides the TRIAC gate with current and turns it on (see Figure 4.). The TRIAC remains on
till the half cycle current passes through zero (see Figure 5.).
Figure 2.
Protection of the TRIAC by a bidirectional Transil diode
Figure 3.
Voltage-current characteristic of a Transil diode
Note:
VBR is specified for a 1mA current.
VCL clamping voltage is given for a high Ipp current level (from several amperes to several
tens of amperes, depending on the device part-number).
A2
A1
G
i
The triac is turned on by gate current (i) as soon as
voltage A2 has exceeded the voltage VBR of the Transil
Current
Voltage
IPP
IPP
VCL
VCL
-VBR
+VBR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com