Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1966 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1966
Description  In most of their applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1966 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1966 Datasheet HTML 1Page - STMicroelectronics AN1966 Datasheet HTML 2Page - STMicroelectronics AN1966 Datasheet HTML 3Page - STMicroelectronics AN1966 Datasheet HTML 4Page - STMicroelectronics AN1966 Datasheet HTML 5Page - STMicroelectronics AN1966 Datasheet HTML 6Page - STMicroelectronics AN1966 Datasheet HTML 7Page - STMicroelectronics AN1966 Datasheet HTML 8Page - STMicroelectronics AN1966 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Overvoltage protection solution
AN1966
4/14
Figure 4. shows the characteristic of the TRIAC + Transil assembly. This is the case of a
600 V/12 A TRIAC protected by a 376 V Transil diode. (The dotted line in Figure 4. shows
the characteristic of the TRIAC alone).
Figure 4.
Characteristic of the TRIAC + Transil assembly
The advantages of this solution are the following:
●
The TRIAC will always operate within the voltage limits given by the manufacturer
(VDRM; VRRM or VDSM; VRSM) and thus far from the avalanche area. There is no more
risk of TRIAC failure
●
The TRIAC is turned on by a gate current which will ensure optimal di/dt conditions.
It should be noted that ST guarantees safe operation of their TRIACs even if the VDRM and
VRRM levels are exceeded by 100 V during less than 10 ms. This behavior is guaranteed by
the VDSM and VRSM parameters (refer to ST TRIAC datasheets). This allows an easier
choice of voltage protection.
Current (mA)
Voltage (V)
Transil
VBR
triac
VDRM
or
VDSM
-600 V
+600 V
-418 V
+418 V
triac
avalanche
zone
This current flows
through the gate
Current in the
turned on triac
0
0
10
30
20
20
30
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com