Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2030 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2030
Description  BACK EMF DETECTION DURING PWM ON TIME BY ST7MC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2030 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2030 Datasheet HTML 3Page - STMicroelectronics AN2030 Datasheet HTML 4Page - STMicroelectronics AN2030 Datasheet HTML 5Page - STMicroelectronics AN2030 Datasheet HTML 6Page - STMicroelectronics AN2030 Datasheet HTML 7Page - STMicroelectronics AN2030 Datasheet HTML 8Page - STMicroelectronics AN2030 Datasheet HTML 9Page - STMicroelectronics AN2030 Datasheet HTML 10Page - STMicroelectronics AN2030 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7/13
BACK EMF DETECTION DURING PWM ON TIME BY ST7MC
Also from the balance three-phase system, considering fundamental frequency only, we have
From (5) and (6),
So, the terminal voltage Vc,
During PWM on time, if the terminal voltage is compared to half of the dc voltage, the zero
crossing of the back EMF is able to be detected.
The following implementation is based on the ST7MC starter kit.
Figure 7. Hardware implementation
At low PWM duty cycle, PE1, PE2 and PE3 are configured as floating input. There is no atten-
uation for the signals since R4, R5 and R6 connect to the floating points. The microcontroller
detects the zero crossing of the back EMF during PWM off time. The reference voltage is in-
ternally set. Then at high duty cycle, PE1, PE2 and PE3 are re-configured as output, set to
logic low. All signals are then attenuated by resistor ratio. Meanwhile, the microcontroller will
use external voltage, attenuated dc bus voltage Vdc, as the reference for zero crossing detec-
tion.
In the starter kit, R43=R44=R49=R50=R53=R54=82k. We should select appropriate resistors
for different dc voltage, as shown in the following table.
e
a
e
b
e
c
++
0
=
(6)
v
n
v
dc
2
-------
e
c
2
----
+
=
(7)
v
c
e
c
v
+
n
3
2
---e
c
v
dc
2
-------
+
==
(8)
MC00
MC01
MC02
MC03
MC04
MC05
MCIC
MCIB
MCIA
ST7MC
motor
Power stage
Back EMF Sensing
PE1
PE2
PE3
MCVREF
Vdc
R43
R44
R8
R4
R5
R6
R7
R9
R49
R50
R53
R54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com