Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2030 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2030
Description  BACK EMF DETECTION DURING PWM ON TIME BY ST7MC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2030 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2030 Datasheet HTML 1Page - STMicroelectronics AN2030 Datasheet HTML 2Page - STMicroelectronics AN2030 Datasheet HTML 3Page - STMicroelectronics AN2030 Datasheet HTML 4Page - STMicroelectronics AN2030 Datasheet HTML 5Page - STMicroelectronics AN2030 Datasheet HTML 6Page - STMicroelectronics AN2030 Datasheet HTML 7Page - STMicroelectronics AN2030 Datasheet HTML 8Page - STMicroelectronics AN2030 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5/13
BACK EMF DETECTION DURING PWM ON TIME BY ST7MC
t0~t1: The capacitor starts to discharge by the inductance. At the beginning, since the capac-
itance is small, the discharging rate is very fast, but as the voltage reduces, the rate drops. At
time t1, the capacitor is fully discharged, and the diode D turns on. The current passes through
the diode and the voltage is kept around -0.7v.
t1~t1': The current will decrease linearly from peak to zero because the inductor is reset by
(Vd+3/2ec). Vd is the voltage drop of the diode. Large inductance will keep the clamp time
longer. At time t1', the inductor current is reset to zero. The back EMF signal shows up in the
winding terminal.
Since the back EMF is detected at the end of PWM off period, which is at t2, it is important that
the clamp should be ended before t2; otherwise the controller won't be able to detect the zero
crossing. Because of the settling time of the resonant transient during PWM off time, the max-
imum PWM duty is far from 100% duty cycle.
If the back EMF can be detected during on time at high duty cycle, then there is enough time
for the resonant transient to settle down. The next chapter explains how to implement it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com