Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2035 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2035
Description  Control of whisker growth in Tin alloy coatings
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2035 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2035 Datasheet HTML 3Page - STMicroelectronics AN2035 Datasheet HTML 4Page - STMicroelectronics AN2035 Datasheet HTML 5Page - STMicroelectronics AN2035 Datasheet HTML 6Page - STMicroelectronics AN2035 Datasheet HTML 7Page - STMicroelectronics AN2035 Datasheet HTML 8Page - STMicroelectronics AN2035 Datasheet HTML 9Page - STMicroelectronics AN2035 Datasheet HTML 10Page - STMicroelectronics AN2035 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AN2035 - Application note
Whiskers and thermal cycles
9/11
3
Whiskers and thermal cycles
In thermal cycles, a different cause of whisker growth exists, which is linked to the mismatch
in thermal coefficient of expansion (TCE) between base material and coating layer, rather
than to localized internal stress. The TCE of Tin, Copper and A42 are 23ppm/°C, 17 ppm/°C
and 4 ppm/°C, respectively. Therefore, whisker growth will be more significant on A42 than
on Copper. Whisker length depends also on the extreme lower limit of the thermal cycles:
the lower this limit, the longer the whisker.
It must be noted that PbSn finishings, too, have a TCE that is close to the one of Matte Tin.
They are exposed to the same whisker growth, and give the same whisker length.
Therefore, Matte Tin behaves in a very similar way to the traditional SnPb coating.
Figure 5.
Temperature Cycling SnPb on FeNi42 (250 Cycles of –35 to 125°C)
Figure 6.
Temperature Cycling Sn 100% (500 Cycles of –35 to 125°C)
Whisker on
SnPb3 (18µm)
(over FeNi42)
Whisker on
SnPb15 (10µm)
(over FeNi42)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com